Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61540FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M61540FP
Description  6ch Electronic Volume with 5 Input Selector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61540FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M61540FP Datasheet HTML 1Page - Renesas Technology Corp M61540FP Datasheet HTML 2Page - Renesas Technology Corp M61540FP Datasheet HTML 3Page - Renesas Technology Corp M61540FP Datasheet HTML 4Page - Renesas Technology Corp M61540FP Datasheet HTML 5Page - Renesas Technology Corp M61540FP Datasheet HTML 6Page - Renesas Technology Corp M61540FP Datasheet HTML 7Page - Renesas Technology Corp M61540FP Datasheet HTML 8Page - Renesas Technology Corp M61540FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
M61540FP
Preliminary
Rev.1.0, May.31.2004, page 2 of 16
Block Diagram and Pin Configuration
SLIN
AGND
SRIN
RIN
CIN
LIN
AGND
SWIN
TRER
AGND
INR2
INL2
INR3
INL1
INR1
SLOUT
SROUT
TREL
BASL2
BASL1
17
20
19
18
16
12
15
14
13
11
30
29
28
27
26
25
24
23
22
21
31
35
32
33
34
36
40
37
38
39
1
2
3
4
5
6
7
8
9
10
Gain
Control
MCU I/F
Cch Vol
Gain
Control
Gain
Control
Gain
Control
Gain
Control
Rch
Input ATT
Input ATT
Lch
Lch Vol
AVCC
AVEE
Bass
/Tre
Logic
25K
SWch Vol
25K
SLch Vol
25K
SRch Vol
25K
50K
Rch Vol
50K
50K
50K
50K
50K
50K
50K
50K
50K
DVDD
50K
Bass
/Tre
Gain
Control
50K
50K
50K
+
++
+
-
-
-
-
+
-
+
-
+
-
+
-
+
-
+
-
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com