Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9110 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA9110
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9110 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA9110 Datasheet HTML 14Page - STMicroelectronics TDA9110 Datasheet HTML 15Page - STMicroelectronics TDA9110 Datasheet HTML 16Page - STMicroelectronics TDA9110 Datasheet HTML 17Page - STMicroelectronics TDA9110 Datasheet HTML 18Page - STMicroelectronics TDA9110 Datasheet HTML 19Page - STMicroelectronics TDA9110 Datasheet HTML 20Page - STMicroelectronics TDA9110 Datasheet HTML 21Page - STMicroelectronics TDA9110 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
20k
220nF
8
From
Phase
Comparator
NOR1
A
6.5V
B
H-Lock CAP
3 HLOCKOUT
6V
5V
Figure 12 : LOCK/UNLOCK Block Diagram
OPERATING DESCRIPTION (continued)
The TDA9110 also includes a Lock/Unlock identifi-
cation block which senses in real time whether the
the PLL1 is locked or not on the incominghorizontal
synchro signal. The resulting information is avail-
able on Hlockout (see Synchro Processor). The
block function is described in Figure 12.
The NOR1 gate receive the phase comparator
output pulses (which also drive the charge pump).
When the PLL1 is locked, we have on point A a very
small negative pulse (about 100ns) at each hori-
zontal cycle, so after the RC filter, there is a high
level on Pin 14 which forces Hlockout to high level.
The hysterisis comparator detects locking when
Pin 14 reachs 6.5V and unlocking when Pin 14
decreases to 6.0V.
When the PLL1 is unlocked, the 100ns negative
pulse on Abecomes much larger and consequently
the average level on Pin 14 decreases. It forces
Hlockout to low level.
The Pin 14 status is approximately the following :
- near 0V when there is no H-Sync
- between 0 and 4V with H-Sync frequency differ-
ent from VCO
- between 4 to 8 V when VCO frequency reaches
H-Sync one (but not already in phase)
- near 8V when PLL1 is locked.
It is important to notice that Pin 14 is not an
output pin but is only used for filtering purpose
(see Figure 12).
The lock/unlock information is also available
through the I
2C read.
II.3 - PLL2
The PLL2 ensures a constant position of the
shaped flyback signal in comparison with the saw-
tooth of the VCO (Figure 13).
The phase comparator of PLL2 (phase type com-
parator) is followed by a charge pump (typical
output current : 0.5mA).
The flyback input consists of an NPN transistor.
This input must be current driven. The maximum
H Osc
Sawtooth
H Drive
1.6V
3.7V
6.4V
7/8T
H
1/8T
H
Ts
Duty Cycle
Internally
Shaped Flyback
Flyback
The duty cycle of H-drive is adjustable between 30% and 60%.
Figure 13 : PLL2 Timing Diagram
20k
Q1
GND 0V
12
HFLY
400
Figure 14 : Flyback Input Electrical Diagram
recommanded input current is 5mA (see Fig-
ure 14).
The duty cycle is adjustable through I
2C from 30%
to 60%. For Start Up safe operation, the initial duty
cycle (afterPower on reset) is 60% in order to avoid
to have a too long conduction of the BU transistor.
Themaximumstoragetime is about38% (TFLY/2.TH).
Typically, TFLY/TH is around 20% which means that
Ts max is around 28%.
TDA9110
18/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com