Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9110 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA9110
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9110 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA9110 Datasheet HTML 2Page - STMicroelectronics TDA9110 Datasheet HTML 3Page - STMicroelectronics TDA9110 Datasheet HTML 4Page - STMicroelectronics TDA9110 Datasheet HTML 5Page - STMicroelectronics TDA9110 Datasheet HTML 6Page - STMicroelectronics TDA9110 Datasheet HTML 7Page - STMicroelectronics TDA9110 Datasheet HTML 8Page - STMicroelectronics TDA9110 Datasheet HTML 9Page - STMicroelectronics TDA9110 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
HORIZONTAL SECTION
Operating Conditions
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCO
R0(Min.)
Minimum Oscillator Resistor
Pin 8
4
k
C0(Min.)
Minimum Oscillator Capacitor
Pin 7
390
pF
F(Max.)
Maximum Oscillator Frequency
150
kHz
OUTPUT SECTION
I12m
Maximum Input Peak Current
Pin 12
2
mA
HOI
Horizontal Drive Output Maximum Current
Pin 26, Sunk
current
30
mA
Electrical Characteristics (VCC = 12V, Tamb =25
oC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY AND REFERENCE VOLTAGES
VCC
Supply Voltage
Pin 29
10.8
12
13.2
V
VDD
Supply Voltage
Pin 32
4.5
5
5.5
V
ICC
Supply Current
Pin 29
50
mA
IDD
Supply Current
Pin 32
5
mA
VREF-H
Horizontal Reference Voltage
Pin 13, I = 5mA
7.4
8
8.6
V
VREF-V
Vertical Reference Voltage
Pin 21, I = 5mA
7.4
8
8.6
V
IREF-H
Max. Sourced Current on VREF-H
Pin 13
5
mA
IREF-V
Max. Sourced Current on VREF-V
Pin 21
5
mA
1st PLL SECTION
HpolT
Polarity Integration Delay
0.75
ms
VVCO
VCO Control Voltage (Pin9)
VREF-H =8V
f0
fH(Max.)
VREF-H /6
6.2
V
V
Vcog
VCO Gain (Pin 9)
R0 = 5.9k
Ω,C0 = 820pF,
dF/dV = 1/11R0C0
18.8
kHz
Hph
Horizontal Phase Adjustment
% of Horizontal Period
±10
%
Hphmin
Hphtyp
Hphmax
Horizontal Phase Setting Value
Minimum Value
Typical Value
Maximum Value
Sub-Address 01
Byte x1111111
Byte x1000000
Byte x0000000
2.6
3.2
3.8
V
V
V
f0
Free Running Frequency
R0 = 5.9k
Ω,C0 = 820pF,
f0 = 0.97/8R0C0
25
kHz
dF0/dT
Free Running Frequency Thermal Drift
(No drift on external components)
See Note
-150
ppm/C
CR
PLL1 Capture Range
R0 = 6.49k
Ω,C0 = 820pF,
from f0+0.5kHz to 4.5F0
fH(Min.)
fH(Max.)
Component accuracy :
C0 = 2%, R0 =1%
100
28
kHz
kHz
Note : This parameter is not tested on each unit. It is measured during our internal qualific ation.
TDA9110
6/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com