Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL13 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SL13
Description  Low VF Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SL13 Datasheet(HTML) 1 Page - Vishay Siliconix

  SL13 Datasheet HTML 1Page - Vishay Siliconix SL13 Datasheet HTML 2Page - Vishay Siliconix SL13 Datasheet HTML 3Page - Vishay Siliconix SL13 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL12 & SL13
Vishay General Semiconductor
Document Number: 88740
Revision: 22-Jan-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Low VF Surface Mount Schottky Rectifier
FEATURES
• Low profile package
• Ideal for automated placement
• Guardring for overvoltage protection
• Low power losses, high efficiency
• Very low forward voltage drop
• High surge capability
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in low voltage, high frequency inverters,
freewheeling,
dc-to-dc
converters,
and
polarity
protection applications.
MECHANICAL DATA
Case: DO-214AC (SMA)
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.5 A
VRRM
20 V, 30 V
IFSM
50 A
VF
0.34 V
TJ max.
125 °C
DO-214AC (SMA)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SL12
SL13
UNIT
Device marking code
SL2
SL3
Maximum repetitive peak reverse voltage
VRRM
20
30
V
Maximum RMS voltage
VRMS
14
21
V
Maximum DC blocking voltage
VDC
20
30
V
Maximum average forward rectified current at TL = 105 °C (Fig. 1)
IF(AV)
1.5
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
50
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/µs
Operating junction temperature range
TJ
- 55 to + 125
°C
Storage temperature range
TSTG
- 55 to + 150
°C


Similar Part No. - SL13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL13 PANJIT-SL13 Datasheet
50Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
SL13 TRSYS-SL13 Datasheet
156Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SL13 GE-SL13 Datasheet
74Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SL13 PANJIT-SL13 Datasheet
96Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SL13 BILIN-SL13 Datasheet
53Kb / 2P
SMD SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SL13

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SL22 TRSYS-SL22 Datasheet
164Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SCD34L ZOWIE-SCD34L Datasheet
48Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SM5817LV PACELEADER-SM5817LV Datasheet
174Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY RECTIFIER
logo
Pan Jit International I...
SK23L PANJIT-SK23L Datasheet
75Kb / 3P
LOW VF SURFACE MOUNT SCHOTTKY RECTIFIER
SS12L PANJIT-SS12L Datasheet
84Kb / 3P
LOW VF SURFACE MOUNT SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SL12 VISHAY-SL12_11 Datasheet
79Kb / 4P
Low VF Surface Mount Schottky Rectifier
19-Apr-11
logo
Central Semiconductor C...
CTLSH15-30M364 CENTRAL-CTLSH15-30M364 Datasheet
1Mb / 3P
SURFACE MOUNT SILICON LOW VF SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SL12 VISHAY-SL12_15 Datasheet
77Kb / 5P
Low VF Surface Mount Schottky Rectifier
25-Apr-14
SL02-M VISHAY-SL02-M_15 Datasheet
73Kb / 4P
Low VF Surface Mount Schottky Rectifier
25-Apr-14
SL12 VISHAY-SL12_V01 Datasheet
94Kb / 5P
Low VF Surface-Mount Schottky Rectifier
23-Apr-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com