Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL13 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SL13
Description  Low VF Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SL13 Datasheet(HTML) 3 Page - Vishay Siliconix

  SL13 Datasheet HTML 1Page - Vishay Siliconix SL13 Datasheet HTML 2Page - Vishay Siliconix SL13 Datasheet HTML 3Page - Vishay Siliconix SL13 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SL12 & SL13
Vishay General Semiconductor
Document Number: 88740
Revision: 22-Jan-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
100
T
J = 125 °C
T
J = 25 °C
Instantaneous Forward Voltage (V)
0
20
40
60
80
100
1
10
100
0.1
0.01
0.001
T
A = 100 °C
T
A = 25 °C
Percent of Rated Peak Reverse Voltage (%)
Figure 5. Typical Junction Capacitance
1
0.1
10
100
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
1000
100
10
Reverse Voltage (V)
0.030 (0.76)
0.060 (1.52)
0.008 (0.203)
0.194 (4.93)
0.208 (5.28)
0.157 (3.99)
0.177 (4.50)
0.100 (2.54)
0.110 (2.79)
0.078 (1.98)
0.090 (2.29)
0.006 (0.152)
0.012 (0.305)
0.049 (1.25)
0.065 (1.65)
Cathode Band
0 (0)
DO-214AC (SMA)
Mounting Pad Layout
0.074 (1.88)
MAX.
0.208
(5.28) REF.
0.066 (1.68)
MIN.
0.060 (1.52)
MIN.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com