Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9533 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA9533
Description  7.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9533 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA9533 Datasheet HTML 1Page - STMicroelectronics TDA9533 Datasheet HTML 2Page - STMicroelectronics TDA9533 Datasheet HTML 3Page - STMicroelectronics TDA9533 Datasheet HTML 4Page - STMicroelectronics TDA9533 Datasheet HTML 5Page - STMicroelectronics TDA9533 Datasheet HTML 6Page - STMicroelectronics TDA9533 Datasheet HTML 7Page - STMicroelectronics TDA9533 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TDA9533
3/8
ELECTRICAL CHARACTERISTICS
(VCC = 12V, VC OFF = 2.5V, VDD = 110V, Tamb = 25
°C, unless otherwise specified)
Note: 1 Pulsed current width < 50
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDD
High Supply Voltage (Pin 5)
20
110
115
V
VCC
Low Supply Voltage (Pin 11)
10
12
15
V
IDD
ICC
High Voltage Supply Internal DC Cur-
rent
Low Voltage Supply Internal DC Current
VOUT = 50V
25
60
mA
mA
dVOUT/dVDD
High Voltage Supply Rejection
VOUT = 50V
0.5
%
dVOUT/dθ
Output Voltage Drift Versus Tempera-
ture for any Channel
VOUT = 80V
15
mV/
°C
d
∆V
OUT/d
θ
Differential Output Voltage Offset Drift
Versus Temperature
VOUT = 80V
5
mV/
°C
∆V
OUT/
∆V
C.OFF
Cut-Off Control Gain
VOUT = 80V
1V < VC OFF <4V
14
IBC .OFF
Cut-Off Control Bias Current
VOUT = 80V
10
µA
VOUT SATH
VOUT SATL
Max. Output Voltage
Min. Output Voltage
I0 =-60mA, (1)
I0 =60mA, (1)
VDD -
6.5
11
V
V
AVR
Typical Video Gain
VOUT = 50V
20
Elin
Linearity Error
17<VOUT<VDD-15V
5
8
%
OS
Overshoot
5
%
Lf ∆g/g
Low Frequency Gain Matching
VOUT = 50V, f=1MHz
5
%
RIN
Video Input Resistor
VOUT = 50V
2
K
BW
Bandwidth at -3dB
VOUT=50V,CLOAD=8pF
RP=200Ω, ∆VOUT=20V
50
MHz
tR, tF
Rise and Fall Time
VOUT=50V,CLOAD=8pF
RP=200Ω, ∆VOUT=40V
7.5
ns
tSET
2.5% Settling Time
VOUT=50V,CLOAD=8pF
RP=200Ω, ∆VOUT=40V
15
ns
Lf CT
Hf CT
Low Frequency Crosstalk
High Frequency Crosstalk
VOUT=50V,CLOAD=8pF
RP=200 Ω,∆VOUT=20V
f= 1 MHz
f = 20MHz
50
32
dB
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com