Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9533 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA9533
Description  7.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9533 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA9533 Datasheet HTML 1Page - STMicroelectronics TDA9533 Datasheet HTML 2Page - STMicroelectronics TDA9533 Datasheet HTML 3Page - STMicroelectronics TDA9533 Datasheet HTML 4Page - STMicroelectronics TDA9533 Datasheet HTML 5Page - STMicroelectronics TDA9533 Datasheet HTML 6Page - STMicroelectronics TDA9533 Datasheet HTML 7Page - STMicroelectronics TDA9533 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Version 3.2
March 2000
1/8
This is preliminary information on a new product in development or undergoing evaluation. Details are subject to change without notice.
TDA9533
7.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
PRELIMINARY DATA
FEATURE
j
TRIPLE CHANNEL VIDEO AMPLIFIER
j
SUPPORTS
DC
OR
AC
COUPLING
APPLICATIONS
j
BUILT IN VOLTAGE GAIN: 20
j
RISE AND FALL TIMES: 7.5ns TYPICAL
j
BANDWIDTH: 50MHz TYPICAL
j
SUPPLY VOLTAGE: 110V
j
ADDITIONAL CUT-OFF INPUT CONTROL
DESCRIPTION
The TDA9533 is a triple video amplifier with high
voltage Bipolar/CMOS/DMOS technology (BCD).
It can drive the 3 cathodes of a monitor CRT in DC
or AC coupling mode. A DC coupling application is
obtained by connecting a triple DC controlled cir-
cuit either on the input pin or on the cut-off pin.
PIN CONNECTIONS
MULTIWATT 15
ORDER CODE: TDA9533
(Plastic Package)
OUT3
C.OFF 3
GND3
IN3
VCC
IN2
GND2
OUT2
C.OFF 2
VDD
IN1
GND1
C.OFF 1
OUT1
GNDS
1


Similar Part No. - TDA9533

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9530 STMICROELECTRONICS-TDA9530 Datasheet
145Kb / 8P
9.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
TDA9535 STMICROELECTRONICS-TDA9535 Datasheet
144Kb / 9P
9.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
TDA9536 STMICROELECTRONICS-TDA9536 Datasheet
145Kb / 9P
7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
More results

Similar Description - TDA9533

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5623 NSC-CLC5623 Datasheet
182Kb / 12P
Triple, High Output, Video Amplifier
logo
STMicroelectronics
TDA9530 STMICROELECTRONICS-TDA9530 Datasheet
145Kb / 8P
9.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
TDA9535 STMICROELECTRONICS-TDA9535 Datasheet
144Kb / 9P
9.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
TDA9536 STMICROELECTRONICS-TDA9536 Datasheet
145Kb / 9P
7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
TDE0160 STMICROELECTRONICS-TDE0160 Datasheet
180Kb / 8P
7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Apr-1993
logo
Fairchild Semiconductor
RC6333 FAIRCHILD-RC6333 Datasheet
39Kb / 8P
Triple Video Amplifier
logo
STMicroelectronics
STV9556 STMICROELECTRONICS-STV9556 Datasheet
698Kb / 24P
7.5 NS TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
Sep-2003
STV9555 STMICROELECTRONICS-STV9555 Datasheet
698Kb / 24P
9.5 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
Sep-2003
STV9553 STMICROELECTRONICS-STV9553 Datasheet
444Kb / 24P
12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
Feb-2002
TDA9556 STMICROELECTRONICS-TDA9556 Datasheet
297Kb / 15P
7.5 NS TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
14-Sep-2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com