Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA341 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA341
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN microAmplifier ??Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA341 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button OPA341_08 Datasheet HTML 5Page - Burr-Brown (TI) OPA341_08 Datasheet HTML 6Page - Burr-Brown (TI) OPA341_08 Datasheet HTML 7Page - Burr-Brown (TI) OPA341_08 Datasheet HTML 8Page - Burr-Brown (TI) OPA341_08 Datasheet HTML 9Page - Burr-Brown (TI) OPA341_08 Datasheet HTML 10Page - Burr-Brown (TI) OPA341_08 Datasheet HTML 11Page - Burr-Brown (TI) OPA341_08 Datasheet HTML 12Page - Burr-Brown (TI) OPA341_08 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
OPA341, 2341
9
SBOS202A
FIGURE 2. Simplified Schematic.
APPLICATIONS INFORMATION
OPA341 series op amps are fabricated on a state-of-the-art
0.6-micron CMOS process. They are unity-gain stable and
suitable for a wide range of general-purpose applications.
Rail-to-rail I/O make them ideal for driving sampling A/D
converters. In addition, excellent ac performance makes
them well suited for audio applications. The class AB output
stage is capable of driving 600
Ω loads connected to any point
between V+ and ground. Rail-to-rail input and output swing
significantly increases dynamic range, especially in low-
supply applications. Figure 1 shows the input and output
waveforms for the OPA341 in unity-gain configuration.
Operation is from a single +5V supply with a 10k
Ω load
connected to VS /2. The input is a 5Vp-p sinusoid. Output
voltage is approximately 4.98Vp-p. Power-supply pins should
be bypassed with 0.01
µF ceramic capacitors.
OPERATING VOLTAGE
OPA341 series op amps are fully specified from +2.7V to
+5.5V. However, supply voltage may range from +2.5V to
+5.5V. Parameters are tested over the specified supply
range—a unique feature of the OPA341 series. In addition,
many specifications apply from –55
°C to +125°C. Most
behavior remains virtually unchanged throughout the full
operating voltage range. Parameters that vary significantly
with operating voltages or temperature are shown in the
Typical Characteristics.
RAIL-TO-RAIL INPUT
The input common-mode voltage range of the OPA341
series extends 300mV beyond the supply rails. This is achieved
with a complementary input stage—an N-channel input dif-
ferential pair in parallel with a P-channel differential pair, as
shown in Figure 2. The N-channel pair is active for input
voltages close to the positive rail, typically (V+) – 1.3V to
300mV above the positive supply. The P-channel pair is on
for inputs from 300mV below the negative supply to approxi-
mately (V+) – 1.3V.
There is a small transition region, typically (V+) – 1.5V to
(V+) – 1.1V, in which both input pairs are on. This 400mV
transition region can vary
±300mV with process variation.
Thus, the transition region (both stages on) can range from
(V+) – 1.8V to (V+) – 1.4V on the low end, up to (V+) – 1.2V
to (V+) – 0.8V on the high end. Within the 400mV transition
region PSRR, CMRR, offset voltage, offset drift, and THD
may be degraded compared to operation outside this region.
FIGURE 1. Rail-to-Rail Input and Output.
V
S = 5, G = +1, RL = 10kΩ
20
µs/div
V
IN
2V/div
V
OUT
V
BIAS1
V
BIAS2
V
IN+
V
IN–
Class AB
Control
Circuitry
V
O
V–
(Ground)
ENABLE (CMOS Input)
On = High
Off = Low
V+
Reference
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com