Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA341 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA341
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN microAmplifier ??Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA341 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button OPA341_08 Datasheet HTML 7Page - Burr-Brown (TI) OPA341_08 Datasheet HTML 8Page - Burr-Brown (TI) OPA341_08 Datasheet HTML 9Page - Burr-Brown (TI) OPA341_08 Datasheet HTML 10Page - Burr-Brown (TI) OPA341_08 Datasheet HTML 11Page - Burr-Brown (TI) OPA341_08 Datasheet HTML 12Page - Burr-Brown (TI) OPA341_08 Datasheet HTML 13Page - Burr-Brown (TI) OPA341_08 Datasheet HTML 14Page - Burr-Brown (TI) OPA341_08 Datasheet HTML 15Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
OPA341, 2341
11
SBOS202A
FIGURE 7. Transimpedance Amplifier.
FIGURE 5. OPA341 in Noninverting Configuration Driving the ADS7816 with Timing Diagram.
FIGURE 6. Speech Bandpass Filter.
ADS7816
12-Bit A/D
Converter
DCLOCK
D
OUT
CS/SHDN
OPA341
+5V
V
IN
V+
2
+In
3
–In
V
REF
8
4
GND
Serial
Interface
1
0.1
µF
0.1
µF
7
6
5
NOTE: A/D Input = 0 to V
REF
V
IN = 0V to 5V for
0V to 5V output.
500
Ω
3300pF
10k
Ω
ENABLE
Timing
Logic
1.6
µs
OA
Enable
3
µs
OA
Settling
15
µs
Anti-Aliasing Filter Settling
RC Anti-Aliasing
Filter
OPA341 SD
ADS7816 CS/SHDN
1
µs
5
µs
243k
Ω
10M
Ω
10M
Ω
1.74M
Ω
220pF
47pF
200pF
1/2
OPA2341
+5V
ENABLE A
ENABLE B
V
IN
R
L
1/2
OPA2341
Filters 160Hz to 2.4kHz
OPA341
V
O
10M
Ω
< 1pF (prevents gain peaking)
V+
ENABLE
λ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com