Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDE1891 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDE1891
Description  2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1891 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDE1891 Datasheet HTML 3Page - STMicroelectronics TDE1891 Datasheet HTML 4Page - STMicroelectronics TDE1891 Datasheet HTML 5Page - STMicroelectronics TDE1891 Datasheet HTML 6Page - STMicroelectronics TDE1891 Datasheet HTML 7Page - STMicroelectronics TDE1891 Datasheet HTML 8Page - STMicroelectronics TDE1891 Datasheet HTML 9Page - STMicroelectronics TDE1891 Datasheet HTML 10Page - STMicroelectronics TDE1891 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
WORST CONDITION POWER DISSIPATION IN
THE ON-STATE
In IPS applications the maximum average power
dissipation occurs when the device stays for a
long time in the ON state. In such a situation the
internal temperature depends on delivered cur-
rent (and related power), thermal characteristics
of the package and ambient temperature.
At ambient temperature close to upper limit
(+85
°C) and in the worst operating conditions, it is
possible that the chip temperature could increase
so much to make the thermal shutdown proce-
dure untimely intervene.
Our aim is to find the maximum current the IPS
can withstand in the ON state without thermal
shutdown intervention, related to ambient tem-
perature. To this end, we should consider the fol-
lowing points:
1) The ON resistance RDSON of the output
NDMOS (the real switch) of the device in-
creases with its temperature.
Experimental results show that silicon resistiv-
ity increases with temperature at a constant
rate, rising of 60% from 25
°C to 125°C.
The relationship between RDSON and tem-
perature is therefore:
R DSON = R DSON0
( 1 + k ) ( T j − 25 )
where:
Tj is the silicon temperature in
°C
RDSON0 is RDSON at Tj=25
°C
k is the constant rate (k
= 4.711 ⋅ 10 −3)
(see fig. 4).
2)
In the ON state the power dissipated in the
device is due to three contributes:
a) power lost in the switch:
P out = I out
2
⋅ R DSON (Iout is the output cur-
rent);
b) power due to quiescent current in the ON
state Iq, sunk by the device in addition to
Iout:P q
= I q ⋅ V s (Vs is the supply voltage);
c) an external LED could be used to visualize
the switch state (OUTPUT STATUS pin).
Such a LED is driven by an internal current
source (delivering Ios) and therefore, if Vos is
the voltage drop across the LED, the dissi-
pated power is: P os = I os
⋅ ( V s − V os ).
Thus the total ON state power consumption is
given by:
P on
= P out + P q + P os
(1)
In the right side of equation 1, the second and
the third element are constant, while the first
one increases with temperature because
RDSON increases as well.
3) The chip temperature must not exceed
ΘLim
in order do not lose the control of the device.
The heat dissipation path is represented by
the thermal resistance of the system device-
ambient (Rth). In steady state conditions, this
parameter relates the power dissipated Pon to
the silicon temperature Tj and the ambient
temperature Tamb:
T j
− T amb = P on ⋅ R th
(2)
From this relationship, the maximum power
Pon which can be dissipated without exceed-
ing
ΘLim at a given ambient temperature
Tamb is:
P on
=
ΘLim− T amb
R th
Replacing the expression (1) in this equation
and solving for Iout, we can find the maximum
current versus ambient temperature relation-
ship:
I outx
=
√
ΘLim − T amb
R th
− P q − P os
R DSONx
where RDSONxis RDSON at Tj=
ΘLim. Of
course, Ioutx values are top limited by the
maximum operative current Ioutx (2A nominal).
From the expression (2) we can also find the
maximum ambient temperature Tamb at which
a given power Pon can be dissipated:
T amb
=ΘLim
− P on ⋅ Rth =
=ΘLim −
( I out 2 ⋅ R DSONx + P q + P os ) ⋅ R th
In particular, this relation is useful to find the
maximum ambient temperature Tambx
at
which Ioutx can be delivered:
T ambx
=ΘLim −( I outx 2 ⋅ R DSONx +
+ P q + P os ) ⋅ R th
(4)
Referring to application circuit in fig. 6, let us con-
sider the worst case:
- The supply voltage is at maximum value of in-
dustrial bus (30V instead of the 24V nominal
value). This means also that Ioutx rises of 25%
(2.5A instead of 2A).
TDE1890 - TDE1891
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com