Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDE1891 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDE1891
Description  2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1891 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDE1891 Datasheet HTML 4Page - STMicroelectronics TDE1891 Datasheet HTML 5Page - STMicroelectronics TDE1891 Datasheet HTML 6Page - STMicroelectronics TDE1891 Datasheet HTML 7Page - STMicroelectronics TDE1891 Datasheet HTML 8Page - STMicroelectronics TDE1891 Datasheet HTML 9Page - STMicroelectronics TDE1891 Datasheet HTML 10Page - STMicroelectronics TDE1891 Datasheet HTML 11Page - STMicroelectronics TDE1891 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
- All electrical parameters of the device, con-
cerning the calculation, are at maximum val-
ues.
- Thermal shutdown threshold is at minimum
value.
Therefore:
Vs = 30V, RDSON0 = 0.23
Ω,Iq = 8mA, Ios = 4mA
@Vos = 2.5V,
ΘLim = 135°C
Rthj-amb =35
°C/W
It follows:
Ioutx = 2.5A, RDSONx = 0.386
Ω,Pq = 240mW,
Pos = 110mW
From equation 4 we can see that, without any
heatsink, it is not possible to operate in the ON
steady state at the maximum current value. A
derating curve for this case is reported in fig. 7.
Using an external heatsink, in order to obtain a to-
tal Rth of 15
°C/W, we obtain the derating curve
reported in fig. 8.
0
20406080
100
120
0.0
0.5
1.0
1.5
2.0
2.5
D93IN033
Io
(A)
Tamb (°C)
Figure 7: Max. Output Current vs. Ambient
Temperature (Multiwatt without
heatsink, Rth j-amb =35
°C/W)
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
D93IN020A
Io
(A)
Tamb (°C)
Figure 8: Max. Output Current vs. Ambient
Temperature (Multiwatt with heatsink,
Rth j-amb =15
°C/W)
+
-
+IN
-IN
D1
D2
CONTROL
LOGIC
Ios
LOAD
OUTPUT
OUTPUT STATUS
GND
µP POLLING
+Vs
DC BUS 24V +/-25%
D93IN014
Figure 6: Application Circuit
TDE1890 - TDE1891
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com