Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF1778 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDF1778
Description  DUAL 2-A SOURCE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDF1778 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDF1778 Datasheet HTML 2Page - STMicroelectronics TDF1778 Datasheet HTML 3Page - STMicroelectronics TDF1778 Datasheet HTML 4Page - STMicroelectronics TDF1778 Datasheet HTML 5Page - STMicroelectronics TDF1778 Datasheet HTML 6Page - STMicroelectronics TDF1778 Datasheet HTML 7Page - STMicroelectronics TDF1778 Datasheet HTML 8Page - STMicroelectronics TDF1778 Datasheet HTML 9Page - STMicroelectronics TDF1778 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TYPICAL APPLICATION
TYPICAL APPLICATION WITH TDF1778 TWO INDUCTIVE LOADS 2 A - 24 V
Load : LC = 80 mH, RC =12
Ω
Rmax =VCC/1 mA
MAIN FEATURES
This application protected against short circuits.
The load disconnection is detected when inputs E1
and E2 are low and the sense output is high.
When thermal protectionis activatedthe pin 9 is low.
Inputs and outputs are TTL comptable.
TDF1778
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com