Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF1778 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDF1778
Description  DUAL 2-A SOURCE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDF1778 Datasheet(HTML) 3 Page - STMicroelectronics

  TDF1778 Datasheet HTML 1Page - STMicroelectronics TDF1778 Datasheet HTML 2Page - STMicroelectronics TDF1778 Datasheet HTML 3Page - STMicroelectronics TDF1778 Datasheet HTML 4Page - STMicroelectronics TDF1778 Datasheet HTML 5Page - STMicroelectronics TDF1778 Datasheet HTML 6Page - STMicroelectronics TDF1778 Datasheet HTML 7Page - STMicroelectronics TDF1778 Datasheet HTML 8Page - STMicroelectronics TDF1778 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS (VCC = + 24V, – 40
oC< Tj <+85oC, unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Power Supply Voltage
8
–
32
V
ICC
Power Supply Current (pin 6), I01 =I02 =2A
–
–
20
mA
VIL
VIH
Logic Input Voltage (pins 7, 10, 11)
–
2
–
–
0.8
–
V
VI
Logic Input Threshold (pin 5)
–
0.8
–
V
IIH
High Level Input Current (pins 7, 10, 11) VI = + 2V
–
20
50
µA
IIL
Low Level Input Current (pins 7, 10, 11) VI = + 0.8V
– 5
0
+ 5
µA
VOH
High Level Logic Output Voltage (pins 8, 9)
I(8) = I(9) = – 30
µA
2.4
4
–
V
VOL
Low Level Logic Output Voltage (pins 8, 9)
I(8) = I(9) = 2 mA
–
0.4
V
VCC –VO1
VCC –VO2
Output Saturation Voltage (V(7) high, V(11) high, IO = 2A)
–
–
1.5
1.8
V
IOL
Low Level Input Current (pins 1, 3)
V(7) Low, V(11) Low, VO = 0V
–
400
1000
µA
VCC –VO1
VCC –VO2
Switch–off Output Voltage (inductive load)
40
–
44
–
48
V
IO1,IO2
Available Output Current (pins 1, 3), V(7) High, V(11) High,
VCC –VO = 32V, Tj =25
°C
100
––
mA
IOalarm
Available ”Alarm” Output Current, V(9) = + 4V
4
8
–
mA
IOsense
Available ”Sense” Output Current, V(8) = + 4V
4
8
–
mA
IIHsense
Output Sensing High Level Input Current (pins 1, 3) VI = + 2V
–12
mA
VIHsense
High Level ”Sense” Input Voltage (pins 1, 3)
0.8
1.9
2.5
V
TDF1778
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com