Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

152S10KBO10 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 152S10KBO10
Description  7/8 (22.2 mm) Single Turn Wirewound, Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

152S10KBO10 Datasheet(HTML) 1 Page - Vishay Siliconix

  152S10KBO10 Datasheet HTML 1Page - Vishay Siliconix 152S10KBO10 Datasheet HTML 2Page - Vishay Siliconix 152S10KBO10 Datasheet HTML 3Page - Vishay Siliconix 152S10KBO10 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7/8" (22.2 mm) Single Turn Wirewound,
Precision Potentiometer
Model 152
Vishay Spectrol
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57098
92
Revision: 19-Jun-07
FEATURES
• Rugged, high-quality, all metal housing
• Short length behind panel 11/
32" (8.76 mm)
• Ohmic value range: 5 Ω to 40 kΩ
• Extra taps available
• Bushing and servo mount types
RoHS
COMPLIANT
ELECTRICAL SPECIFICATIONS
PARAMETER
Total Resistance
Standard Range
5
Ω to 20 kΩ - special to 40 kΩ
Tolerance
50
Ω and Above:
Below 50
Ω
STANDARD
± 3 %
± 5 %
SPECIAL
± 1 %
± 3 %
Linearity (Independent)
Total Resistance
5
Ω to 100 Ω
100
Ω to 500 Ω
500
Ω and Above
STANDARD
± 1.0 %
± 1.0 %
± 0.5 %
BEST PRACTICAL
± 0.75 %
± 0.50 %
± 0.35 %
Noise
100
Ω ENR
Power Rating (at 40 °C Ambient)
2 W
derated to zero at 125 °C
Electrical Angle
340° ± 2°
Insulation Resistance
1000 M
Ω minimum 500 V
DC
Dielectric Strength
1000 VRMS, 60 Hz
Absolute Minimum Resistance
Not to exceed linearity times total resistance
or 0.5
Ω whichever is greater
Minimum Voltage
0.5 % max.
Temperature Coefficient of Resistance
Refer to standard resistance element data
ORDERING INFORMATION/DESCRIPTION
152
S
10K
BO10
MODEL
MOUNTING
OHMIC VALUE
PACKAGING
B: Bushing
S: Servo
Box of 10 pieces
Other characteristics will be standard as described on this data sheet. If special characteristics are required, such as: special linearity,
special resistance tolerance, high torque, 1/8 shaft - 1/4 - 32 bushing, stops, non - linear functions, etc., state these on your order.
SAP PART NUMBERING GUIDELINES
152
B
502
B10
MODEL
MOUNTING TYPE
OHMIC VALUE
PACKAGING
B: Bushing
502 = 5K
Box of 10 pieces


Similar Part No. - 152S10KBO10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
152S103XXXX VISHAY-152S103XXXX Datasheet
324Kb / 4P
7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
27-Mar-15
More results

Similar Description - 152S10KBO10

ManufacturerPart #DatasheetDescription
logo
Bi technologies
5100 BITECH-5100 Datasheet
104Kb / 4P
7/8 Diameter Single Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
MODEL159 VISHAY-MODEL159 Datasheet
272Kb / 4P
7/8 (22.2 mm) Single Turn Cermet Precision Potentiometer
07-Sep-07
MODEL502 VISHAY-MODEL502 Datasheet
261Kb / 4P
7/8 (22.2 mm) Ten-Turn Wirewound Upper Grade Precision Potentiometer
12-Jul-07
MODEL552 VISHAY-MODEL552 Datasheet
295Kb / 4P
7/8inch (22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
10-Jul-07
MODEL702 VISHAY-MODEL702 Datasheet
331Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound Precision Potentiometer
12-Jul-07
534B1103JLB VISHAY-534B1103JLB Datasheet
102Kb / 4P
7/8 (22.2 mm) Multi Turn Wirewound
27-Jun-12
152 VISHAY-152 Datasheet
324Kb / 4P
7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
27-Mar-15
502 VISHAY-502 Datasheet
106Kb / 4P
(22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
29-Nov-17
552 VISHAY-552 Datasheet
309Kb / 4P
(22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
27-Mar-15
702 VISHAY-702 Datasheet
103Kb / 4P
(22.2 mm) Single Turn Wirewound (Precision Potentiometer)s
29-Nov-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com