Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

502 Datasheet (PDF) - Vishay Siliconix

502 Datasheet PDF - Vishay Siliconix
Part # 502
Download  502 Download
File Size   106.02 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description (22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer

502 Datasheet (PDF)

Go To PDF Page Download Datasheet
502 Datasheet PDF - Vishay Siliconix

Part # 502
Download  502 Click to download

File Size   106.02 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description (22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer

502 Datasheet (HTML) - Vishay Siliconix


502 Product details

FEATURES
• Bushing mount and servo mount designs are available
• Large ohmic value range: 15  to 100 k
• Dual gang configuration
• Improved linearity available
• Long life > 2 million shaft revolutions
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 502

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
502 MARL-502 Datasheet
433Kb / 5P
횠8.1mm mounting Nickel plated brass housing, Sealed to IP67
logo
Infinite Electronics In...
502 L-COM-502 Datasheet
478Kb / 1P
Full ranges and compliance to international safety and quality standards ensure a professional and reliable tool
logo
France Joint
502 FRANCEJOINT-502 Datasheet
895Kb / 6P
PISTON SEALS
logo
Dremel
502 DREMEL-502 Datasheet
76Kb / 1P
Sanding
2006/2007
logo
Laird Tech Smart Techno...
502 LSTD-502 Datasheet
213Kb / 2P
TputtyTM 502 Series Thermal Gap Filler
12-6-17
More results


Similar Description - 502

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL502 VISHAY-MODEL502 Datasheet
261Kb / 4P
7/8 (22.2 mm) Ten-Turn Wirewound Upper Grade Precision Potentiometer
12-Jul-07
MODEL536 VISHAY-MODEL536 Datasheet
234Kb / 4P
7/8inch (22.2 mm) Ten Turn Wirewound Precision Potentiometer with a Plastic Shaft
12-Jul-07
MODEL552 VISHAY-MODEL552 Datasheet
295Kb / 4P
7/8inch (22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
10-Jul-07
MODEL702 VISHAY-MODEL702 Datasheet
331Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound Precision Potentiometer
12-Jul-07
MODEL802 VISHAY-MODEL802 Datasheet
228Kb / 4P
1 13/16inch (46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
23-Mar-07
536 VISHAY-536 Datasheet
86Kb / 4P
(22.2 mm) Ten Turn Wirewound Precision Potentiometer with a Plastic Shaft
30-Jun-15
552 VISHAY-552 Datasheet
309Kb / 4P
(22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
27-Mar-15
702 VISHAY-702 Datasheet
103Kb / 4P
(22.2 mm) Single Turn Wirewound (Precision Potentiometer)s
29-Nov-17
802 VISHAY-802 Datasheet
321Kb / 4P
(46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
27-Mar-15
852 VISHAY-852 Datasheet
102Kb / 4P
(46 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
14-Oct-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com