Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

502 Datasheet (PDF) - Laird Tech Smart Technology

502 Datasheet PDF - Laird Tech Smart Technology
Part # 502
Download  502 Download
File Size   213.09 Kbytes
Page   2 Pages
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology
Description TputtyTM 502 Series Thermal Gap Filler

502 Datasheet (PDF)

Go To PDF Page Download Datasheet
502 Datasheet PDF - Laird Tech Smart Technology

Part # 502
Download  502 Click to download

File Size   213.09 Kbytes
Page   2 Pages
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology
Description TputtyTM 502 Series Thermal Gap Filler

502 Datasheet (HTML) - Laird Tech Smart Technology


502 Product details

PRODUCT DESCRIPTION
Tputty™ 502 is best suited for applications where large tolerance differences create the need for compression of the interface material beyond 50% of its original thickness.
Tputty™ 502 will ensure low pressures on the components being cooled. In conjunction with outstanding compression characteristics, Tputty™ 502 has a high thermal conductivity, resulting in very low thermal resistance. Tputty™ 502 is naturally tacky and requires no additional adhesive coating that can inhibit thermal performance.

FEATURES AND BENEFITS
• 3 W/mK thermal conductivity
• Soft and ultra high compressibility for low stress applications
• Fiberglass layer for reinforcement and better handling capabilities
• Low Dielectric Constant
• Environmentally friendly solution that meets regulatory requirements including RoHS and REACH




Similar Part No. - 502

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
502 MARL-502 Datasheet
433Kb / 5P
횠8.1mm mounting Nickel plated brass housing, Sealed to IP67
logo
Vishay Siliconix
502 VISHAY-502 Datasheet
106Kb / 4P
(22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
29-Nov-17
logo
Infinite Electronics In...
502 L-COM-502 Datasheet
478Kb / 1P
Full ranges and compliance to international safety and quality standards ensure a professional and reliable tool
logo
France Joint
502 FRANCEJOINT-502 Datasheet
895Kb / 6P
PISTON SEALS
logo
Dremel
502 DREMEL-502 Datasheet
76Kb / 1P
Sanding
2006/2007
More results


Similar Description - 502

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HD300 LSTD-HD300 Datasheet
240Kb / 1P
High Deflection Thermal Gap Filler
HR600 LSTD-HR600 Datasheet
815Kb / 2P
Thermal Gap Filler
TFLEX300 LSTD-TFLEX300 Datasheet
232Kb / 2P
Thermal Gap Filler
logo
Wurth Elektronik GmbH &...
40111020 WURTH-40111020 Datasheet
209Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40001050 WURTH-40001050 Datasheet
209Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
logo
Laird Tech Smart Techno...
RB300 LSTD-RB300 Datasheet
183Kb / 2P
Thermal Gap Filler
081621
HD700 LSTD-HD700 Datasheet
184Kb / 2P
Thermal Gap Filler
logo
Wurth Elektronik GmbH &...
40004040 WURTH-40004040 Datasheet
290Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
40101005 WURTH-40101005 Datasheet
290Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
40105005 WURTH-40105005 Datasheet
291Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com