Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

502 Datasheet (PDF) - Infinite Electronics International, Inc.

502 Datasheet PDF - Infinite Electronics International, Inc.
Part # 502
Download  502 Download
File Size   478.27 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Full ranges and compliance to international safety and quality standards ensure a professional and reliable tool

502 Datasheet (PDF)

Go To PDF Page Download Datasheet
502 Datasheet PDF - Infinite Electronics International, Inc.

Part # 502
Download  502 Click to download

File Size   478.27 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Full ranges and compliance to international safety and quality standards ensure a professional and reliable tool

502 Datasheet (HTML) - Infinite Electronics International, Inc.


502 Product details

FEATURES
• Compact size - fits into
your pocket
• 400AAC or 400AAC/DC
current measurements
• 600VAC/DC volts
measurements
• TRMS measurements
(Model 502)
• Resistance
measurements to 400Ω
• Continuity with
beeper below 40Ω
• Frequency
measurements from
V and A (Model 502)
• Hold function to “freeze”
readings
• Push-button for
easy ADC zeroing
(Model 503)
• Large, easy-to-read
4000-count display
• 42-segment analog
bargraph
• Includes test leads
and soft carrying pouch




Similar Part No. - 502

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
502 MARL-502 Datasheet
433Kb / 5P
횠8.1mm mounting Nickel plated brass housing, Sealed to IP67
logo
Vishay Siliconix
502 VISHAY-502 Datasheet
106Kb / 4P
(22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
29-Nov-17
logo
France Joint
502 FRANCEJOINT-502 Datasheet
895Kb / 6P
PISTON SEALS
logo
Dremel
502 DREMEL-502 Datasheet
76Kb / 1P
Sanding
2006/2007
logo
Laird Tech Smart Techno...
502 LSTD-502 Datasheet
213Kb / 2P
TputtyTM 502 Series Thermal Gap Filler
12-6-17
More results


Similar Description - 502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A41-25-10 ETC-A41-25-10 Datasheet
408Kb / 2P
International Standards at Lower Cost and Better Performance
T0814 ETC1-T0814 Datasheet
162Kb / 4P
Professional quality Hacksaws and Junior Hacksaws
logo
Omron Electronics LLC
D4N OMRON-D4N Datasheet
6Mb / 24P
Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
logo
List of Unclassifed Man...
HN5-9-OV-A ETC2-HN5-9-OV-A Datasheet
374Kb / 7P
World-wide ac input ranges and safety standards
logo
Cymbet Corporation
PI-72-04 CYMBET-PI-72-04 Datasheet
321Kb / 11P
EnerChip Standards Compliance and Use Procedures
logo
Texas Instruments
BQ24157S TI1-BQ24157S Datasheet
3Mb / 45P
Full USB Compliance and USB-OTG Support
logo
Bel Fuse Inc.
A41 BEL-A41 Datasheet
1Mb / 3P
International Standards at Lower Cost and Better Performance
A41-L BEL-A41-L Datasheet
1,017Kb / 3P
International Standards at Lower Cost and Better Performance
IF-2-10 BEL-IF-2-10 Datasheet
1,019Kb / 3P
For Critical Height and International Safety Requirements
logo
Kingston Technology Far...
MLPR2 KINGSTON-MLPR2 Datasheet
179Kb / 2P
CANVAS REACT PLUS SD Creativity and Inspiration in Professional Quality
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com