Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1014 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA1014
Description  VIDEO AND AUDIO SIGNALS SWITCHINGS FOR THE PERI-TELEVISION PLUG
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA1014 Datasheet(HTML) 1 Page - STMicroelectronics

  TEA1014 Datasheet HTML 1Page - STMicroelectronics TEA1014 Datasheet HTML 2Page - STMicroelectronics TEA1014 Datasheet HTML 3Page - STMicroelectronics TEA1014 Datasheet HTML 4Page - STMicroelectronics TEA1014 Datasheet HTML 5Page - STMicroelectronics TEA1014 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TEA1014
VIDEO AND AUDIO SIGNALS SWITCHINGS
FOR THE PERI-TELEVISION PLUG
March 1991
1
2
3
4
5
6
7
14
13
12
11
10
9
8
GROUND
EXTERNAL VIDEO OUTPUT
INTERNAL VIDEO INPUT
REFERENCE
TIME CONSTANT SWITCHING
SOUND OUTPUT
EXTERNAL SOUND INPUT
EXTERNAL VIDEO INPUT
SUPPLY
INTERNAL VIDEO OUTPUT
BAND III INFORMATION
VIDEO RECORDER KEY
VIDEO AND SOUND SWITCHING
INTERNAL SOUND INPUT
PIN CONNECTIONS
DIP14
(Plastic Package)
ORDER CODE : TEA1014
.
VIDEO CROSSTALK : 60 dB TYPICAL
.
LOW IMPEDANCE VIDEO OUTPUT 75
Ω
.
SHORT-CIRCUIT PROTECTION OF INPUTS
AND OUTPUTS
.
INTERNAL HORIZONTAL PLL TIME CON-
STANT SWITCHING IN CASE OF VIDEO RE-
CORDER RECEPTION
DESCRIPTION
This integrated circuit provides all video and sound
switching allowing connections between the peri-
TV plug and video, sound sections in the TV set.
Input and output signal characteristics follow the
NFC 92250/EN 50049 norms.
1/6


Similar Part No. - TEA1014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEA1017 ETC-TEA1017 Datasheet
267Kb / 8P
13 BIT SERIES PARALLEL CONVERTER
More results

Similar Description - TEA1014

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7625 SANYO-LA7625 Datasheet
88Kb / 6P
Video, Chroma and Deflection Circuit for Color Television Sets
logo
Siemens Semiconductor G...
TDA5660P SIEMENS-TDA5660P Datasheet
776Kb / 44P
Modular for TV, Video and Sound Signals
logo
Fairchild Semiconductor
FMS6408 FAIRCHILD-FMS6408 Datasheet
250Kb / 9P
Triple Video Filter Driver for RGB and YUV Signals
logo
STMicroelectronics
STV8247 STMICROELECTRONICS-STV8247 Datasheet
2Mb / 149P
Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
Feb-2005
logo
List of Unclassifed Man...
CD7607CP ETC1-CD7607CP Datasheet
193Kb / 8P
VIDEO IF AMPLIFIER FOR COLOR AND MONOCHROME TELEVISION RECEIVER
logo
STMicroelectronics
STV82X8 STMICROELECTRONICS-STV82X8 Datasheet
2Mb / 157P
Digital Audio Decoder / Processor for BTSC Television/Video Recorders
Feb-2005
logo
List of Unclassifed Man...
BF200B ETC1-BF200B Datasheet
377Kb / 3P
TELEVISION/VIDEO DEVICES
logo
NXP Semiconductors
P83C053BBPNB PHILIPS-P83C053BBPNB Datasheet
1Mb / 16P
MICROCONTROLLER FOR TELEVISION AND VIDEO (MTV)
January 26 1993
logo
STMicroelectronics
STV8247 STMICROELECTRONICS-STV8247_06 Datasheet
2Mb / 156P
Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
Jan-2006
logo
TELEFUNKEN Elektroakust...
TDA4440 TELEFUNKEN-TDA4440 Datasheet
192Kb / 7P
VIDEO-IF--AMPLIFIER FOR COLOLR AND MONOCHROME TELEVISION RECEIVERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com