Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1014 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TEA1014
Description  VIDEO AND AUDIO SIGNALS SWITCHINGS FOR THE PERI-TELEVISION PLUG
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA1014 Datasheet(HTML) 2 Page - STMicroelectronics

  TEA1014 Datasheet HTML 1Page - STMicroelectronics TEA1014 Datasheet HTML 2Page - STMicroelectronics TEA1014 Datasheet HTML 3Page - STMicroelectronics TEA1014 Datasheet HTML 4Page - STMicroelectronics TEA1014 Datasheet HTML 5Page - STMicroelectronics TEA1014 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
18
V
Tstg
Storage Temperature Range
– 40, + 150
°C
Tj
Junction Temperature
+ 150
°C
Toper
Operating Ambient Temperature Range
0 to 70
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth(j–a)
Junction Ambient Thermal Resistance
90
°C/W
ELECTRICAL OPERATING CHARACTERISTICS
(VCC = 12V ; Tamb =+ 25
oC, unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Supply Current, with no Load
37
50
mA
Internal Video Input (coming from picture FI) (pin 3)
Video Signal Amplitude (positive video)
Input Voltage Range (refered to D. C. input Voltage)
Input Impedance
Input Capacitance
– 2.9
5
2.5
6.8
+ 3.9
5
VPP
V
k
Ω
pF
External Video Input (coming from peri-TV plug) (pin 14)
Video Signal Amplitude (positive video)
Input Voltage Range (refered to D. C. input Voltage)
Input Impedance
Input Capacitance
– 1.2
5
1
2.8
+ 1.6
5
VPP
V
k
Ω
pF
TV Video Output (pin 12)
Signal Amplitude
Output Voltage Swing (refered to D. C. output Voltage)
Output Dynamic Impedance
D.C. Output Voltage (without input signal)
Loading Resistance
Video Bandwidth (– 1dB)
– 1.2
300
6
1
3.5
2.8
+ 1.6
10
VPP
V
Ω
V
Ω
MHz
TEA1014
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com