Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MODEL552 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MODEL552
Description  7/8inch (22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL552 Datasheet(HTML) 1 Page - Vishay Siliconix

  MODEL552 Datasheet HTML 1Page - Vishay Siliconix MODEL552 Datasheet HTML 2Page - Vishay Siliconix MODEL552 Datasheet HTML 3Page - Vishay Siliconix MODEL552 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model 552
Vishay Spectrol
Document Number: 57067
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 10-Jul-07
129
7/8" (22.2 mm) Three Turn Wirewound
Upper Grade Precision Potentiometer
FEATURES
• Large range of ohmic values: 5 Ω to 20 kΩ
• Bushing mount or servo mount designs are available
• Gangable up to 3 sections
• Extra taps available upon request
ELECTRICAL SPECIFICATIONS
PARAMETER
Total Resistance
Tolerance 50
Ω and Above
Below 50
Ω
STANDARD RANGE
5
Ω to 20 kΩ
± 3 %
± 5 %
SPECIAL
45 k
Ω
± 1 %
± 3 %
Linearity (Independent)
Total Resistance
5
Ω to 500 Ω
500
Ω to 2 kΩ
2 k
Ω and Above
STANDARD
± 0.25 %
± 0.25 %
± 0.25 %
BEST PRACTICAL
± 0.25 %
± 0.20 %
± 0.125 %
Noise
100
Ω ENR
Electrical Rotation
1080° + 4° - 0°
Power Rating
Section 1
Additional Section
1.0 W at 70 °C ambient to zero at 125 °C
75 % of the rating of section 1 (0.75 W at 70 °C)
Insulation Resistance
1000 M
Ω minimum, 500 V
DC
Dielectric Strength
1000 VRMS minimum, 60 Hz
Absolute Minimum Resistance
Linearity x total resistance or 0.5
Ω, whichever is greater
End Voltage
Linearity x total applied voltage for total resistance
above 20
Ω, 2.0 % of total applied voltage for 20 Ω and below
Phasing (CCW End Points)
Additional sections phased to section 1 within ± 2°
Taps (Extra)
16 available as special, standard tolerance ± 2°
ORDERING INFORMATION/DESCRIPTION
The Model 552 can be ordered from this data sheet with a variety of alternate characteristics, as shown. For most rapid service on your
order, please state:
552
B
1
10K
BO1
MODEL
MOUNTING
NUMBER OF SECTIONS
OHMIC VALUE OF
SECTION NO 1
PACKAGING
B: Bushing
S: Servo
From 1 up to 3
Box of 1 piece
Other characteristics will be standard as described on this data sheet. If special characteristics are required, such as: special linearity
tolerance, special resistance tolerance, extra taps, non-linear functions, etc., please state these on your order and allow additional lead time
for delivery.
SAP PART NUMBERING GUIDELINES
552
B
1
103
B01
MODEL
STYLE
NUMBER OF SECTIONS
OHMIC VALUE OF
SECTION NO 1
PACKAGING


Similar Part No. - MODEL552

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
MODEL5510 POMONA-MODEL5510 Datasheet
28Kb / 2P
BNC To Banana Plug and Binding Post Adapter Kit
More results

Similar Description - MODEL552

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL152 VISHAY-MODEL152 Datasheet
257Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound, Precision Potentiometer
19-Jun-07
MODEL502 VISHAY-MODEL502 Datasheet
261Kb / 4P
7/8 (22.2 mm) Ten-Turn Wirewound Upper Grade Precision Potentiometer
12-Jul-07
MODEL536 VISHAY-MODEL536 Datasheet
234Kb / 4P
7/8inch (22.2 mm) Ten Turn Wirewound Precision Potentiometer with a Plastic Shaft
12-Jul-07
MODEL702 VISHAY-MODEL702 Datasheet
331Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound Precision Potentiometer
12-Jul-07
MODEL708 VISHAY-MODEL708 Datasheet
252Kb / 4P
7/8inch (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
02-Jul-07
152 VISHAY-152 Datasheet
324Kb / 4P
7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
27-Mar-15
502 VISHAY-502 Datasheet
106Kb / 4P
(22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
29-Nov-17
552 VISHAY-552 Datasheet
309Kb / 4P
(22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
27-Mar-15
802 VISHAY-802 Datasheet
321Kb / 4P
(46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
27-Mar-15
852 VISHAY-852 Datasheet
102Kb / 4P
(46 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
14-Oct-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com