Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

552B110KBO1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 552B110KBO1
Description  7/8inch (22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

552B110KBO1 Datasheet(HTML) 2 Page - Vishay Siliconix

  552B110KBO1 Datasheet HTML 1Page - Vishay Siliconix 552B110KBO1 Datasheet HTML 2Page - Vishay Siliconix 552B110KBO1 Datasheet HTML 3Page - Vishay Siliconix 552B110KBO1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 552
Vishay Spectrol
7/8" (22.2 mm) Three Turn Wirewound
Upper Grade Precision Potentiometer
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57067
130
Revision: 10-Jul-07
DIMENSIONS in inches (millimeters)
0.948
(24.08)
± 0.010
0.687
(17.45)
0.312
(7.92)
± 0.031
± 0.015
Ø 0.1248 TYP.
(3.17)
+ 0.0000
- 0.0003
Ø 0.281
(7.14)
+ 0.000
- 0.001
1/
4 - 32 UNEF 2A
MTG. FACE
0.062
± 0.015
0.875
(22.22)
± 0.015
0.168 MIN.
(4.27)
1
2
3
45°
± 10°
0.172 TYP.
(4.37)
± 0.015
0.594 R
MAX.
(15.09)
1.036
(26.31)
± 0.010
0.375
(9.52)
± 0.031
0.057 MIN.
(1.45)
0.062
(1.57)
Ø 0.875
(22.22)
Ø 0.7500
(19.05)
+ 0.0000
- 0.0005
Ø 0.750 MAX.
(19.05)
MTG. FACE
0.257 MIN.
(6.53)
1
2
1
ADD 0.782 ± 0.002 (19.86) FOR EACH
ADDITIONAL SECTION
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
CW
SCHEMATIC
BUSHING MOUNT
SERVO MOUNT
2
3
1
1
1
0.062
(1.57)
3
MECHANICAL SPECIFICATIONS
PARAMETER
Mechanical Rotation
1080° + 10° - 0°
Bearing Type: Servo Mount
Bushing Mount
Ball bearing
Sleeve bearing
Torque (Maximum)
Servo: 1 Section
Bushing: 1 Section
Each Additional Section
STARTING
0.4 oz. - in (28.8 g - cm)
0.5 oz. - in (36.0 g - cm)
0.3 oz. - in (21.6 g - cm)
RUNNING
0.3 oz. - in (21.6 g - cm)
0.4 oz. - in (28.8 g - cm)
0.2 oz. - in (14.4 g - cm)
Mechanical Runouts (Maximum)
Shaft Runout (TIR/in)
Pilot Dia. Runout (TIR)
Lateral Runout (TIR)
Shaft End Play
Shaft Radial Play
SERVO
0.002" (0.05 cm)
0.002" (0.05 cm)
0.002" (0.05 cm)
0.005" (0.13 cm)
0.002" (0.05 cm)
BUSHING
0.002" (0.05 cm)
0.002" (0.05 cm)
0.005" (0.13 cm)
0.005" (0.13 cm)
0.003" (0.08 cm)
Weight (Maximum): Single Section
Additional Section
0.75 oz. (21.7 g)
0.60 oz. (17.0 g)
Stop Strength
100 oz. - in static (7.2 kg - cm)
Ganging
3 sections maximum, terminal alignment added
sections within ± 10° of section 1 terminals
Moment of Inertia
0.30 g - cm2 per section maximum



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com