Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

552B110KBO1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 552B110KBO1
Description  7/8inch (22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

552B110KBO1 Datasheet(HTML) 3 Page - Vishay Siliconix

  552B110KBO1 Datasheet HTML 1Page - Vishay Siliconix 552B110KBO1 Datasheet HTML 2Page - Vishay Siliconix 552B110KBO1 Datasheet HTML 3Page - Vishay Siliconix 552B110KBO1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model 552
7/8" (22.2 mm) Three Turn Wirewound
Upper Grade Precision Potentiometer
Vishay Spectrol
Document Number: 57067
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 10-Jul-07
131
POWER RATING CHART
(Ratings for cup NO 1.
Additional cups 75 % of values shown)
MATERIAL SPECIFICATIONS
Housing
Glass filled phenolic (black)
Lids
Aluminum, anodized
Shaft
Stainless steel, non magnetic,
non-passivated
Terminals
Brass, gold plated
Clamp Ring
Stainless steel
Bushing Mount Hardware
Lockwasher Internal Tooth:
Panel Nut:
Steel, nickel plated
Brass, nickel plated
ENVIRONMENTAL SPECIFICATIONS
Vibration
15 g thru 2000 Hz
Shock
50 g
Salt Spray
96 h
Rotational Life
600 000 shaft revolutions
Load Life
900 h
Operating Temperature Range
- 65 °C to + 125 °C
MARKING
Unit
Identification
Units will be marked with Vishay Spectrol name and model no, resistance and resistance tolerance,
linearity, terminal identification, and date code
20
40
60
80
100
120
140
160
0
1
2
3
SPECIAL 150 °C
STANDARD 125 °C
AMBIENT TEMPERATURE IN °C
RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
(
Ω)
RESO-
LUTION
(%)
OHMS
PER
TURN
MAXIMUM
CURRENT
AT 70 °C
AMBIENT
(mA)
MAXIMUM
VOLTAGE
ACROSS
COIL
(V)
WIRE
TEMP.
COEF.
(ppm/°C)
5
0.265
0.013
447
2.24
800
10
0.182
0.018
316
3.16
800
20
0.155
0.031
224
4.48
800
50
0.150
0.075
141
7.05
180
100
0.125
0.125
100
10.0
20
200
0.116
0.232
70.7
14.1
20
500
0.103
0.517
44.7
22.4
20
1K
0.089
0.886
31.6
31.6
20
2K
0.071
1.411
22.4
44.8
20
5K
0.057
2.828
14.1
70.5
20
10K
0.044
4.381
10.0
100
20
20K
0.036
7.199
7.07
141
20
45K
0.031
14.170
4.71
212
20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com