Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MODEL860 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MODEL860
Description  1 13/16inch (46 mm) Ten Turn Wirewound, Bushing Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL860 Datasheet(HTML) 2 Page - Vishay Siliconix

  MODEL860 Datasheet HTML 1Page - Vishay Siliconix MODEL860 Datasheet HTML 2Page - Vishay Siliconix MODEL860 Datasheet HTML 3Page - Vishay Siliconix MODEL860 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 860
Vishay Spectrol
1 13/16" (46 mm) Ten Turn Wirewound,
Bushing Mount
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57093
142
Revision: 05-Jul-07
DIMENSIONS in inches (millimeters)
2.000
(50.80)
± 0.015
0.250 MIN.
(6.35)
0.062
(1.57)
0.010
(0.25)
0.312
(7.92)
± 0.015
0.030 MAX.
(0.76)
3/
8 - 32 UNEF - 2A
1.812
(46.02)
± 0.015
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
Ø 0.4062 MTG.
(10.32)
+ 0.0000
- 0.0020
0.062
(1.57)
2
3
0.218
(5.54)
± 0.015
0.562
(14.27)
Ø 0.125
(3.18)
MODEL 860
ADD 1.787 ± 0.010 (45.39) FOR 2 GANG UNIT
MTG. FACE
0.812
(20.62)
± 0.031
1
TOLERANCES: OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
CW
SCHEMATIC
2
3
1
2
1
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
3600° + 4° - 0°
Bearing Type
Sleeve bearing
Torque (maximums):
Section 1
Section 2
STARTING
1.75 oz. - in (126.02 g - cm)
2.55 oz. - in (183.62 g - cm)
RUNNING
1.26 oz. - in (90.01 g - cm)
1.85 oz. - in (133.21 g - cm)
Runouts (Maximums)
Shaft (TIR)
Pilot Dia (TIR)
Lateral (TIR)
Shaft End Play
Shaft Radial Play
0.002" (0.05 cm)
0.002" (0.05 cm)
0.005" (0.13 cm)
0.002" min. 0.010" max. (0.05 - 0.25 cm)
0.003" max. (0.08 cm)
Weight (maximums)
Single Section
Additional Section
4.5 oz. (127.58 g)
4.0 oz. (113.40 g)
Stop Strength
750 oz. - in (static) (54.01 kg - cm)
Ganging
2 sections maximum ears of clamp band between
sections positioned 45°, ± 10° CCW from
terminal center line
Moment Inertia
15.0 g - cm2 maximum



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com