Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MODEL860 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MODEL860
Description  1 13/16inch (46 mm) Ten Turn Wirewound, Bushing Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL860 Datasheet(HTML) 3 Page - Vishay Siliconix

  MODEL860 Datasheet HTML 1Page - Vishay Siliconix MODEL860 Datasheet HTML 2Page - Vishay Siliconix MODEL860 Datasheet HTML 3Page - Vishay Siliconix MODEL860 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model 860
1 13/16" (46 mm) Ten Turn Wirewound,
Bushing Mount
Vishay Spectrol
Document Number: 57093
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 05-Jul-07
143
POWER RATING CHART
MATERIAL SPECIFICATIONS
Bushing
Aluminum, nickel plated
Housing and Front Lid
Molded glass filled thermoset
plastic
Rear Lid
Molded glass filled nylon
Shaft
Stainless steel, non magnetic,
non-passivated
Terminals
Brass, plated for solderability
Mounting Hardware
Lockwasher:
Panel Nut:
Internal tooth steel, nickel plated
Brass, nickel plated
ENVIRONMENTAL SPECIFICATIONS
Vibration
10 g thru 500 CPS
Shock
50 g
Rotational Life
500 000 shaft revolutions
Load Life
900 h
Temperature Range
- 55 °C to + 125 °C
Salt Spray
48 h
MARKING
Unit
Identification
Units will be marked with Vishay Spectrol name and model no, resistance and resistance tolerance, linearity,
terminal identification, and date code
020
40
60
80
100
120
140
AMBIENT TEMPERATURE IN °C
0
2
4
6
8
10
12
RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE VALUES
(
Ω)
RESOLUTION
(%)
OHMS PER
TURN
MAXIMUM CURRENT
AT 70 °C AMBIENT
(mA)
MAXIMUM VOLTAGE
ACROSS COIL
(V)
WIRE TEMPERATURE
COEFFICIENT
(ppm/°C)
20
0.044
0.009
632
13
800
50
0.027
0.014
400
20
800
100
0.024
0.024
283
28
800
200
0.028
0.056
200
40
180
500
0.023
0.115
126
63
20
1K
0.018
0.182
89
89
20
2K
0.020
0.402
63
126
20
5K
0.015
0.754
40
200
20
10K
0.013
1.23
28
283
20
20K
0.010
1.97
20
400
20
50K
0.007
3.69
13
632
20
100K
0.007
6.51
8.9
894
20
200K
0.005
9.63
5.0
1000
20
500K
0.004
20.0
2.0
1000
20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com