Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2019 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA2019
Description  CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2019 Datasheet(HTML) 1 Page - STMicroelectronics

  TEA2019 Datasheet HTML 1Page - STMicroelectronics TEA2019 Datasheet HTML 2Page - STMicroelectronics TEA2019 Datasheet HTML 3Page - STMicroelectronics TEA2019 Datasheet HTML 4Page - STMicroelectronics TEA2019 Datasheet HTML 5Page - STMicroelectronics TEA2019 Datasheet HTML 6Page - STMicroelectronics TEA2019 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TEA2019
CURRENT MODE SWITCHING
POWER SUPPLY CONTROL CIRCUIT
August 1992
.
DIRECT
DRIVE
OF
THE
EXTERNAL
SWITCHING TRANSISTOR
.
POSITIVE AND NEGATIVE OUTPUT CUR-
RENTS UP TO 0.5A
.
CURRENT LIMITATION
.
TRANSFORMER DEMAGNETIZATION AND
POWER TRANSISTOR SATURATION SENS-
ING
.
FULL OVERLOAD AND SHORT-CIRCUIT
PROTECTION
.
PROPORTIONAL BASE CURRENT DRIVING
.
LOW STANDBY CURRENT BEFORE START-
ING (1.6mA)
.
SYNCHRONIZATION CAPABILITY WITH IN-
TERNAL PLL
.
THERMAL PROTECTION
DIP 14
(Plastic package)
ORDER CODE : TEA2019
DESCRIPTION
The TEA2019 is an 14-pin DIP low cost integrated
circuit designed for the control of switch mode
power supplies. It has the same basic functions as
the TEA2018A but with synchronization capability
by internal PLL. It is particularly suitable for appli-
cations where oscillator synchronization is re-
quired.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUTPUT
AUXILIARY OUTPUT SUPPLY
POSITIVE SUPPLY VOLTAGE
SATURATION SENSING
DEMAGNETIZATION SENSING
ERROR AMPLIFIER NON-INVERTING INPUT
SYNCHRONIZATION INPUT
NEGATIVE SUPPLY (OUTPUT STAGE)
SUBSTRATE
I
SAMPLE (NEGATIVE)
GROUND
OSCILLATOR CAPACITOR
OSCILLATOR REFERENCE CURRENT
C
PLL OUTPUT
PIN CONNECTIONS
Due to its current mode regulation, the TEA2019
facilitates design of power supplies with following
features :
.
High stability regulation loop.
.
Automatic input voltage feed-forward in dis-
continuous mode fly-back.
.
Automatic pulse-by-pulse current limitation.
Typical applications : Video Display Units, TV sets,
typewriters, micro-computers and industrial appli-
cations. For more details, see application
note AN406/0591.
1/7


Similar Part No. - TEA2019

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2014 STMICROELECTRONICS-TEA2014 Datasheet
118Kb / 3P
VIDEO SWITCHING CIRCUIT FOR TV
TEA2014A STMICROELECTRONICS-TEA2014A Datasheet
41Kb / 4P
VIDEO SWITCH
May-1996
TEA2015A STMICROELECTRONICS-TEA2015A Datasheet
525Kb / 16P
VERTICAL SWEEP FOR BLACK AND WHITE AND 90 COLOR TV SETS
TEA2015ASP STMICROELECTRONICS-TEA2015ASP Datasheet
525Kb / 16P
VERTICAL SWEEP FOR BLACK AND WHITE AND 90 COLOR TV SETS
logo
NXP Semiconductors
TEA2016AAT NXP-TEA2016AAT Datasheet
808Kb / 58P
Digital controller for high-efficiency resonant power supply
Rev. 1.2-6 April 2020
More results

Similar Description - TEA2019

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7002 NTE-NTE7002 Datasheet
29Kb / 4P
Integrated Circuit Switched Mode Power Supply Control
logo
NXP Semiconductors
NE5560 PHILIPS-NE5560 Datasheet
240Kb / 16P
Switched-mode power supply control circuit
1994 Aug 31
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
Switched-mode power supply control circuit
1994 Aug 31
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
Switched-mode power supply control circuit
1994 Aug 31
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
Control circuit for switched-mode power supply
August 1982
logo
STMicroelectronics
TEA2018A STMICROELECTRONICS-TEA2018A Datasheet
77Kb / 7P
CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
May-1993
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
Texas Instruments
TPS5206 TI-TPS5206 Datasheet
101Kb / 7P
SWITCHING-POWER-SUPPLY CONTROL CIRCUIT
logo
Hitachi Semiconductor
HA17384 HITACHI-HA17384 Datasheet
144Kb / 31P
High Speed Current Mode PWM Control IC for Switching Power Supply
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com