Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2019 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TEA2019
Description  CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2019 Datasheet(HTML) 2 Page - STMicroelectronics

  TEA2019 Datasheet HTML 1Page - STMicroelectronics TEA2019 Datasheet HTML 2Page - STMicroelectronics TEA2019 Datasheet HTML 3Page - STMicroelectronics TEA2019 Datasheet HTML 4Page - STMicroelectronics TEA2019 Datasheet HTML 5Page - STMicroelectronics TEA2019 Datasheet HTML 6Page - STMicroelectronics TEA2019 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
V
+
CC
Positive Supply Voltage
15
V
V(aux)
Auxiliary Output Supply Voltage
15
V
V
–
CC
Negative Supply Voltage
– 5
V
IO (peak)
Peak Output Current (duty cycle < 5%)
± 1A
II
Input Current
Pins 4-5
± 5mA
Tj
Junction Temperature
150
°C
Toper
Operating Ambient Temperature Range
– 20, + 70
°C
Tstg
Storage Temperature Range
– 40, + 150
°C
BLOCK DIAGRAM
TEA2019
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com