Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2025D Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA2025D
Description  STEREO AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2025D Datasheet(HTML) 1 Page - STMicroelectronics

  TEA2025D Datasheet HTML 1Page - STMicroelectronics TEA2025D Datasheet HTML 2Page - STMicroelectronics TEA2025D Datasheet HTML 3Page - STMicroelectronics TEA2025D Datasheet HTML 4Page - STMicroelectronics TEA2025D Datasheet HTML 5Page - STMicroelectronics TEA2025D Datasheet HTML 6Page - STMicroelectronics TEA2025D Datasheet HTML 7Page - STMicroelectronics TEA2025D Datasheet HTML 8Page - STMicroelectronics TEA2025D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TEA2025B
TEA2025D
STEREO AUDIO AMPLIFIER
DUAL OR BRIDGE CONNECTION MODES
FEW EXTERNAL COMPONENTS
SUPPLY VOLTAGE DOWN TO 3V
HIGH CHANNEL SEPARATION
VERY LOW SWITCH ON/OFF NOISE
MAX GAIN OF 45dB WITH ADJUST EXTER-
NAL RESISTOR
SOFT CLIPPING
THERMAL PROTECTION
3V < VCC < 15V
P= 2
• 1W, VCC = 6V, RL =4Ω
P= 2
• 2.3W, VCC = 9V, RL =4Ω
P= 2
• 0.1W, VCC = 3V, RL =4Ω
DESCRIPTION
The TEA2025B/D is a monolithic integrated circuit
in 12+2+2 Powerdip and 12+4+4 SO, intended for
use as dual or bridge power audio amplifier port-
able radio cassette players.
June 1994
Symbol
Parameter
Test Conditions
Unit
VS
Supply Voltage
15
V
IO
Ouput Peak Current
1.5
A
TJ
Junction Temperature
150
°C
Tstg
Storage Temperature
150
°C
ABSOLUTE MAXIMUM RATINGS
DECOUPLING
1
1
-
+
2
-
+
2
THERMAL
PROTECT.
START
CIRCUIT
10K
Ω
10K
Ω
50
Ω
50
Ω
5K
Ω
50
Ω
SVR
IN 2+
FEED
GND
GND
BOOT 2
OUT 2
BRIDGE
VS+
OUT 1
BOOT 1
GND
GND
FEED
IN 1+
GND(Sub)
D94AU120
BLOCK DIAGRAM
POWERDIP 12+2+2
SO20 (12+4+4)
ORDERING NUMBERS: TEA2025B (PDIP)
TEA2025D (SO)
1/9


Similar Part No. - TEA2025D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
STEREO AUDIO AMPLIFIER
TEA2025D-S20-R UTC-TEA2025D-S20-R Datasheet
248Kb / 8P
STEREO AUDIO AMPLIFIER
TEA2025D-S20-T UTC-TEA2025D-S20-T Datasheet
248Kb / 8P
STEREO AUDIO AMPLIFIER
TEA2025DG-S20-R UTC-TEA2025DG-S20-R Datasheet
259Kb / 7P
STEREO AUDIO AMPLIFIER
TEA2025DL-S20-R UTC-TEA2025DL-S20-R Datasheet
248Kb / 8P
STEREO AUDIO AMPLIFIER
More results

Similar Description - TEA2025D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
STEREO AUDIO AMPLIFIER
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025 UTC-TEA2025_10 Datasheet
204Kb / 7P
STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
STEREO AUDIO AMPLIFIER
TEA2025AH UTC-TEA2025AH Datasheet
223Kb / 7P
STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
STEREO AUDIO AMPLIFIER
logo
Bookly Micro electronic
TEA2025 BOOKLY-TEA2025 Datasheet
76Kb / 4P
STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com