Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2025D Datasheet(PDF) 2 Page - STMicroelectronics

Part # TEA2025D
Description  STEREO AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2025D Datasheet(HTML) 2 Page - STMicroelectronics

  TEA2025D Datasheet HTML 1Page - STMicroelectronics TEA2025D Datasheet HTML 2Page - STMicroelectronics TEA2025D Datasheet HTML 3Page - STMicroelectronics TEA2025D Datasheet HTML 4Page - STMicroelectronics TEA2025D Datasheet HTML 5Page - STMicroelectronics TEA2025D Datasheet HTML 6Page - STMicroelectronics TEA2025D Datasheet HTML 7Page - STMicroelectronics TEA2025D Datasheet HTML 8Page - STMicroelectronics TEA2025D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BRIDGE
OUT.2
BOOT.2
GND
GND
FEEDBACK
IN.2 (+)
SVR
+Vs
OUT.1
BOOT.1
GND
GND
FEEDBACK
IN.1 (+)
GND (sub.)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
POWERDIP 12+2+2 PIN CONNECTION (Top view)
BRIDGE
OUT 2
BOOT 2
GND
GND
GND
GND
FEEDBACK
IN 2(+)
1
3
2
4
5
6
7
8
9
IN 1(+)
FEEDBACK
GND
GND
GND
GND
BOOT 1
OUT 1
VCC
20
19
18
17
16
14
15
13
12
D94AU119
SVR
10
GND(Sub)
11
SO 12+4+4 PIN CONNECTION (Top view)
Symbol
Description
SO 12+4+4 (*)
PDIP 12+2+2 (**)
Unit
Rth j-case
Rth j-amb
Thermal Resistance Junction-case
Thermal Resistance Junction-ambient
Max
Max
15
65
15
60
°C/W
°C/W
(*) The Rth j-amb is measured with 4sq cm copper area heatsink
(**) The Rth j-amb is measured on devices bonded on a 10 x 5 x 0.15cm glass-epoxy substrate with a 35
µm thick copper surface of 5 cm2.
THERMAL DATA
TEA2025B - TEA2025D
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com