Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB4 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # EB4
Description  Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB4 Datasheet(HTML) 6 Page - Vishay Siliconix

  EB4 Datasheet HTML 1Page - Vishay Siliconix EB4 Datasheet HTML 2Page - Vishay Siliconix EB4 Datasheet HTML 3Page - Vishay Siliconix EB4 Datasheet HTML 4Page - Vishay Siliconix EB4 Datasheet HTML 5Page - Vishay Siliconix EB4 Datasheet HTML 6Page - Vishay Siliconix EB4 Datasheet HTML 7Page - Vishay Siliconix EB4 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
25
EB4, EB6, EB7, EB8
Vishay Dale
Document Number 36006
Revision 14-Aug-02
For technical questions, contact Connectors@vishay.com
EB7 and EB8 .156" [3.96mm] C-C
DIMENSIONS in inches [millimeters]
# OF CONTACT
CARD
MODEL -
POSITIONS
SLOT
PART NUMBER
PER SIDE
A
B
C
D
E
DEPTH
EB85-P❑6G
∆
6
1.780 [45.21]
1.531 [38.89]
1.240 [31.50]
1.100 [27.94]
0.340 [8.64]
0.330 [8.38]
EB85-P❑10G
∆
10
2.410 [61.21]
2.156 [54.76]
1.864 [47.35]
1.724 [43.79]
0.340 [8.64]
0.330 [8.38]
EB85-P❑12G
∆
12
2.720 [69.09]
2.469 [62.71]
2.176 [55.27]
2.036 [51.71]
0.340 [8.64]
0.330 [8.38]
EB85-P❑15G
∆
15
3.190 [81.03]
2.937 [74.60]
2.644 [67.16]
2.504 [63.60]
0.340 [8.64]
0.330 [8.38]
EB85-P❑18G
∆
18
3.660 [92.96]
3.406 [86.51]
3.112 [79.04]
2.972 [75.49]
0.340 [8.64]
0.330 [8.38]
EB85-P❑22G
∆
22
4.280 [108.71]
4.031 [102.39]
3.736 [94.89]
3.596 [91.34]
0.340 [8.64]
0.330 [8.38]
EB85-P❑24G
∆
24
4.590 [116.59]
4.344 [110.34]
4.051 [102.90]
3.911 [99.34]
0.340 [8.64]
0.330 [8.38]
EB85-P❑25G
∆
25
4.750 [120.65]
4.500 [114.30]
4.207 [106.86]
4.067 [103.30]
0.340 [8.64]
0.330 [8.38]
EB75D-P❑36G
∆
36
6.530 [165.86]
6.219 [157.96]
5.906 [150.01]
5.778 [146.76]
0.438 [11.13]
0.260 [6.60]
EB75D-P❑43G
∆
43
7.615 [193.42]
7.302 [185.47]
7.000 [177.80]
6.802 [172.77]
0.500 [12.70]
0.260 [6.60]
EB75D-PR6G
∆
6
1.780 [45.21]
1.531 [38.89]
1.218 [30.94]
1.100 [27.94]
0.328 [8.33]
0.260 [6.60]
EB75D-PR10G
∆
10
2.410 [61.21]
2.156 [54.76]
1.843 [46.81]
1.724 [43.79]
0.328 [8.33]
0.260 [6.60]
EB75D-PR12G
∆
12
2.720 [69.09]
2.468 [62.69]
2.156 [54.76]
2.036 [51.71]
0.328 [8.33]
0.260 [6.60]
EB75D-PR15G
∆
15
3.190 [81.03]
2.937 [74.60]
2.624 [66.65]
2.504 [63.60]
0.328 [8.33]
0.260 [6.60]
EB75D-PR18G
∆
18
3.660 [92.96]
3.406 [86.51]
3.093 [78.56]
2.972 [75.49]
0.328 [8.33]
0.260 [6.60]
EB75D-PR22G
∆
22
4.280 [108.71]
4.031 [102.39]
3.717 [94.41]
3.596 [91.34]
0.328 [8.33]
0.260 [6.60]
EB75D-PR36G
∆
36
6.530 [165.86]
6.219 [157.96]
5.906 [150.01]
5.778 [146.76]
0.438 [11.13]
0.260 [6.60]
EB75D-PR43G
∆
43
7.615 [193.42]
7.302 [185.47]
7.000 [177.80]
6.802 [172.77]
0.500 [12.70]
0.260 [6.60]
RIGHT ANGLE DIMENSIONS
E
.060
[1.52]
R Typ.
C
D
A
B
0.250
[6.35]
0.030 [.762]
See table for
contact and mounting
variations
0.156 [3.96] Typ.
EB75 = 0.440 [11.18]
EB85 = 0.460 [11.68]
When ordering connectors using the above Part Numbers:
❑ = Indicate “A” for Solder Eyelet or “E” for Card Extender. Note: Dimensions are the same for “A” or “E” styles.
∆ = Indicate “X” for Standard Mounting or “XS” for Side Mounting.
ORDERING INFORMATION
Edgeboard Connectors
200
°C Burn-in Connectors, Dual Readout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com