Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EB4
Description  Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB4 Datasheet(HTML) 1 Page - Vishay Siliconix

  EB4 Datasheet HTML 1Page - Vishay Siliconix EB4 Datasheet HTML 2Page - Vishay Siliconix EB4 Datasheet HTML 3Page - Vishay Siliconix EB4 Datasheet HTML 4Page - Vishay Siliconix EB4 Datasheet HTML 5Page - Vishay Siliconix EB4 Datasheet HTML 6Page - Vishay Siliconix EB4 Datasheet HTML 7Page - Vishay Siliconix EB4 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.vishay.com
20
EB4, EB6, EB7, EB8
Vishay Dale
Document Number 36006
Revision 14-Aug-02
For technical questions, contact Connectors@vishay.com
Edgeboard Connectors
200
°C Burn-In Connectors, Dual Readout
FEATURES
• EB4, 0.100" [2.54mm] C-C. EB6, 0.125" [3.17mm] C-C.
EB7 and EB8, 0.156" [3.96mm] C-C.
• Right angle styles included for all models.
• High temperature, glass reinforced PPS connector bodies
- 200
°C.
• High reliability copper-nickel-tin alloy contacts.
• Accepts PC board thickness of 0.054" to 0.071" [1.37mm
to 1.80mm].
• High reliability bifurcated bellows contacts.
• Gold plated contacts.
• Card extender style terminals standard.
• Variety of mounting styles available.
• Recognized under the Component Program of
Underwriters Laboratories, Inc. Listed under File
E65524.
APPLICATIONS
High temperature, long life connectors specifically designed
for burn-in oven and automatic temperature testing
applications.
Available in a wide range of sizes. Priced affordably and
competitively.
SPECIAL NOTE:
When operating units at elevated temperatures, solder having
a melting point 50 degrees Centigrade above the operating
temperature should be used. Contact factory for specific
solder information.
MATERIAL SPECIFICATIONS
Body Material:
200
°C Connectors: Fiberglass reinforced polyphenylene
sulfide, + 200
°C operating temperature, flame retardant
(UL 94V-O).
Contacts: Copper-nickel-tin alloy per ASTM B 740.
Plating: Gold plating (0.00003" [0.000762mm] thick), over
0.00005" [0.00127mm] minimum nickel underplate.
ELECTRICAL SPECIFICATIONS
Current Rating: 5 amps.
Test Voltage Between Contacts: At sea level: 1800VRMS.
At 70,000 feet: 450VRMS.
Insulation Resistance: 5000 Megohm minimum at 500VDC
potential.
Contact Resistance: 30 millivolts maximum at rated current.
Humidity: 48 hours at 95% relative humidity at + 90
°C,
insulation resistance 5000 Megohm.
Shock: Three 50g shocks in each of 3 mutually perpendicular
planes with no loss of continuity.


Similar Part No. - EB4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB4 VISHAY-EB4 Datasheet
158Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
14-Aug-02
EB4 VISHAY-EB4 Datasheet
171Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
logo
Adam Technologies, Inc.
EB4-XX-P ADAM-TECH-EB4-XX-P Datasheet
123Kb / 1P
TERMINAL BLOCK
logo
NEC
EB40-P1114-FA NEC-EB40-P1114-FA Datasheet
6Mb / 71P
Ferrite Cores
EB40-P1210-F NEC-EB40-P1210-F Datasheet
6Mb / 71P
Ferrite Cores
More results

Similar Description - EB4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB7S VISHAY-EB7S Datasheet
145Kb / 3P
Edgeboard Connectors, Single Readout
14-Aug-02
EB4 VISHAY-EB4 Datasheet
158Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
14-Aug-02
EB6 VISHAY-EB6 Datasheet
148Kb / 4P
Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
14-Aug-02
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
Edgeboard Connectors, Dual Readout
14-Aug-02
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
Edgeboard Connectors, Single Readout
14-Aug-02
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
Edgeboard Connectors, Dual Readout
14-Aug-02
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
Edgeboard Connectors, Dual Readout
16-Feb-09
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
Edgeboard Connectors, Single Readout
16-Feb-09
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
Edgeboard Connectors, Dual Readout
16-Feb-09
EB6 VISHAY-EB6_V01 Datasheet
194Kb / 4P
Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com