Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB6 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # EB6
Description  Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB6 Datasheet(HTML) 5 Page - Vishay Siliconix

  EB6 Datasheet HTML 1Page - Vishay Siliconix EB6 Datasheet HTML 2Page - Vishay Siliconix EB6 Datasheet HTML 3Page - Vishay Siliconix EB6 Datasheet HTML 4Page - Vishay Siliconix EB6 Datasheet HTML 5Page - Vishay Siliconix EB6 Datasheet HTML 6Page - Vishay Siliconix EB6 Datasheet HTML 7Page - Vishay Siliconix EB6 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
24
EB4, EB6, EB7, EB8
Vishay Dale
Document Number 36006
Revision 14-Aug-02
For technical questions, contact Connectors@vishay.com
DIMENSIONS in inches [millimeters]
EB6 .125" [3.17mm] C-C
When ordering connectors using the above Part Numbers:
❑ = Indicate “E” for Card Extender, “K” for Wire Wrap™ or “3R” for Right Angle Terminals.
∆ = Indicate “X” for Standard Mounting, “XF” for Flush Mounting or “XS” for Side Mounting.
ORDERING INFORMATION
# OF CONTACT
CARD
MODEL -
POSITIONS
SLOT
PART NUMBER
PER SIDE
A
B
C
D
E
DEPTH
EB65-P❑6G
∆
6
1.555 [39.50]
1.295 [32.89]
.875 [22.22]
1.035 [26.29]
0.875 [22.22] 0.300 [7.62]
EB65-P❑10G
∆
10
2.055 [52.20]
1.795 [45.59]
1.375 [34.92]
1.535 [38.99]
1.375 [34.92]
0.300 [7.62]
EB65-P❑12G
∆
12
2.305 [58.55]
2.045 [51.94]
1.625 [41.28]
1.785 [45.34]
1.625 [41.28]
0.300 [7.62]
EB65-P❑14G
∆
14
2.555 [64.90]
2.295 [58.29]
1.875 [47.62]
2.035 [51.69]
1.875 [47.62]
0.300 [7.62]
EB65-P❑15G
∆
15
2.680 [68.07]
2.420 [61.47]
2.000 [50.80]
2.160 [54.86]
2.000 [50.80]
0.300 [7.62]
EB65-P❑18G
∆
18
3.055 [77.60]
2.795 [70.99]
2.375 [60.32]
2.535 [64.39]
2.375 [60.32]
0.300 [7.62]
EB65-P❑22G
∆
22
3.555 [90.30]
3.295 [83.69]
2.875 [73.02]
3.035 [77.09]
2.875 [73.02]
0.300 [7.62]
EB65-P❑24G
∆
24
3.805 [96.65]
3.545 [90.04]
3.125 [79.38]
3.285 [83.44]
3.125 [79.38]
0.300 [7.62]
EB65-P❑25G
∆
25
3.930 [99.82]
3.670 [93.22]
3.250 [82.55]
3.410 [86.61]
3.250 [82.55]
0.300 [7.62]
EB65-P❑28G
∆
28
4.305 [109.35]
4.045 [102.74]
3.625 [92.08]
3.785 [96.14]
3.625 [92.08]
0.300 [7.62]
EB65-P❑30G
∆
30
4.555 [115.70]
4.295 [109.09]
3.875 [98.42]
4.035 [102.49]
3.875 [98.42]
0.300 [7.62]
EB65-P❑31G
∆
31
4.680 [118.87]
4.420 [112.27]
4.000 [101.60]
4.160 [105.66]
4.000 [101.60] 0.300 [7.62]
EB65-P❑32G
∆
32
4.805 [122.05]
4.545 [115.44]
4.125 [104.78]
4.285 [108.84]
4.125 [104.78] 0.300 [7.62]
EB65-P❑35G
∆
35
5.180 [131.57]
4.920 [124.97]
4.500 [114.30]
4.660 [118.36]
4.500 [114.30] 0.300 [7.62]
EB65-P❑36G
∆
36
5.305 [134.75]
5.045 [128.14]
4.625 [117.48]
4.785 [121.54]
4.625 [117.48] 0.300 [7.62]
EB65-P❑40G
∆
40
5.805 [147.45]
5.545 [140.84]
5.125 [130.18]
5.285 [134.24]
5.125 [130.18] 0.300 [7.62]
EB65-P❑43G
∆
43
6.180 [156.97]
5.920 [150.37]
5.500 [139.70]
5.660 [143.76]
5.500 [139.70] 0.300 [7.62]
EB65-P❑44G
∆
44
6.305 [160.15]
6.045 [153.54]
5.625 [142.88]
5.785 [146.94]
5.625 [142.88] 0.300 [7.62]
EB65-P❑49G
∆
49
6.930 [176.02]
6.670 [169.42]
6.250 [158.75]
6.410 [162.81]
6.250 [158.75] 0.300 [7.62]
EB65-P❑50G
∆
50
7.055 [179.20]
6.795 [172.59]
6.375 [161.92]
6.535 [165.99]
6.375 [161.92] 0.300 [7.62]
B
C
0.125
[3.17]
Typ.
A
.060
[1.52]
R Typ.
0.060
[1.52]
Typ.
D
0.250
[6.35]
Typ.
0.610 [15.49]
Typ.
E
0.260
[6.60]
See table for
contact and
mounting variations
0.430
[10.92]
Typ.
0.340
[8.64]
Typ.
0.060 [1.52] Typ.
0.180
[4.57]
Typ.
0.365
[9.27]
Edgeboard Connectors
200
°C Burn-in Connectors, Dual Readout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com