Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB6 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EB6
Description  Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB6 Datasheet(HTML) 2 Page - Vishay Siliconix

  EB6 Datasheet HTML 1Page - Vishay Siliconix EB6 Datasheet HTML 2Page - Vishay Siliconix EB6 Datasheet HTML 3Page - Vishay Siliconix EB6 Datasheet HTML 4Page - Vishay Siliconix EB6 Datasheet HTML 5Page - Vishay Siliconix EB6 Datasheet HTML 6Page - Vishay Siliconix EB6 Datasheet HTML 7Page - Vishay Siliconix EB6 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
21
EB4, EB6, EB7, EB8
Vishay Dale
Document Number 36006
Revision 14-Aug-02
For technical questions, contact Connectors@vishay.com
Wire Wrap
Permanent Mounting
EB4 0.100" [2.54mm] C-C
EB6 0.125" [3.17mm] C-C
200
°C WIRE WRAP™ MODEL NUMBERS
Right Angle
PC Board Mounting
200
°C RIGHT ANGLE MODEL NUMBERS
EB4 0.100" [2.54mm] C-C
EB6 0.125" [3.17mm] C-C
EB7 0.156" [3.96mm] C-C
Hard Wire
Permanent Mounting
EB7 0.156" [3.96mm] C-C
EB8 0.156" [3.96mm] C-C
MOUNTING STYLES in inches [millimeters]
200
°C HARD WIRE MODEL NUMBERS
Oven Wall
Wire Wrap™
Leads
Standard High
Temperature
Connector
0.062 [1.57]
Thick
Component
Under Test
EB45-PK10GX
EB45-PK35GX
EB65-PK6GX
EB65-PK30GX
EB45-PK12GX
EB45-PK36GX
EB65-PK10GX
EB65-PK31GX
EB45-PK15GX
EB45-PK40GX
EB65-PK12GX
EB65-PK32GX
EB45-PK18GX
EB45-PK43GX
EB65-PK14GX
EB65-PK35GX
EB45-PK20GX
EB45-PK44GX
EB65-PK15GX
EB65-PK36GX
EB45-PK22GX
EB45-PK48GX
EB65-PK18GX
EB65-PK40GX
EB45-PK25GX
EB45-PK49GX
EB65-PK22GX
EB65-PK43GX
EB45-PK28GX
EB45-PK50GX
EB65-PK24GX
EB65-PK44GX
EB45-PK30GX
EB45-PK60GX
EB65-PK25GX
EB65-PK49GX
EB45-PK31GX
EB45-PK65GX
EB65-PK28GX
EB65-PK50GX
Oven Wall
Standard High
Temperature
Connector
(EB4X-P3R25GXS*)
Input Board
Component
Under Test
EB45-P3R10GXS
EB45-P3R40GXS
EB65-P3R15GX
EB65-P3R43GX
EB45-P3R12GXS
EB45-P3R43GXS
EB65-P3R18GX
EB65-P3R44GX
EB45-P3R15GXS
EB45-P3R44GXS
EB65-P3R22GX
EB65-P3R49GX
EB45-P3R18GXS
EB45-P3R48GXS
EB65-P3R24GX
EB65-P3R50GX
EB45-P3R20GXS
EB45-P3R49GXS
EB65-P3R25GX
EB75D-PR6GXS
EB45-P3R22GXS
EB45-P3R50GXS
EB65-P3R28GX
EB75D-PR10GXS
EB45-P3R25GXS*
EB45-P3R60GXS
EB65-P3R30GX
EB75D-PR12GXS
EB45-P3R28GXS
EB45-P3R65GXS
EB65-P3R31GX
EB75D-PR15GXS
EB45-P3R30GXS
EB65-P3R6GX
EB65-P3R32GX
EB75D-PR18GXS
EB45-P3R31GXS
EB65-P3R10GX
EB65-P3R35GX
EB75D-PR22GXS
EB45-P3R35GXS
EB65-P3R12GX
EB65-P3R36GX
EB75D-PR36GXS
EB45-P3R36GXS
EB65-P3R14GX
EB65-P3R40GX
EB75D-PR43GXS
EB85-PA6GX
EB85-PA15GX
EB85-PA24GX
EB75D-PA43GX
EB85-PA10GX
EB85-PA18GX
EB85-PA25GX
EB85-PA12GX
EB85-PA22GX
EB75D-PA36GX
Oven Wall
Component
Under Test
Standard High
Temperature
Connector
Wire Leads
0.062 [1.57]
Thick
Edgeboard Connectors
200
°C Burn-in Connectors, Dual Readout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com