Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-1812 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ISC-1812
Description  Surface Mount, Molded, Shielded Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ISC-1812 Datasheet(HTML) 1 Page - Vishay Siliconix

  ISC-1812 Datasheet HTML 1Page - Vishay Siliconix ISC-1812 Datasheet HTML 2Page - Vishay Siliconix ISC-1812 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount, Molded, Shielded Inductors
Document Number: 34061
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 22-May-07
111
ISC-1812
Vishay Dale
*Rated DC Current based on the maximum temperature rise, not to
exceed 40 °C at + 85 °C ambient.
FEATURES
• Molded construction provides superior strength
and moisture resistance
• Tape and reel packaging for automatic handling,
2000/reel, EIA 481
• Compatible with vapor phase and infrared reflow
soldering
• Shielded construction minimizes coupling to other
components
• 100 % lead (Pb)-free and RoHS compliant
ELECTRICAL SPECIFICATIONS
Inductance Range: 0.10 µH to 1000 µH
Inductance Tolerance: ± 20 % for 0.10 µH to 0.82 µH
± 10 % for 1.0 µH to 1000 µH standard
± 10 %, ± 5 % and ± 3 % available
Temperature Range: - 55 °C to + 125 °C
Coilform Material: Non-Magnetic for 0.10 µH to 0.82 µH
Powdered iron for 1.0 µH to 22 µH. Ferrite for 27 µH to 1000 µH
TEST EQUIPMENT
• H/P 4342A Q-meter with Vishay Dale test fixture or equivalent
• H/P 4191A RF Impedance Analyzer (for SRF measurements)
• Wheatstone bridge
*Recommended minimum spacing between components
STANDARD ELECTRICAL SPECIFICATIONS
IND.
(µH)
TOL.
Q
MIN.
TEST
FREQ.
L & Q
(MHz)
SELF-
RESONANT
FREQ. MIN.
(MHz)
DCR
MAX.
(Ohms)
RATED*
DC
CURRENT
(mA)
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
30
30
30
30
30
30
30
30
30
30
30
30
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
460
400
390
350
310
280
240
215
205
195
165
155
0.23
0.26
0.29
0.32
0.36
0.40
0.45
0.60
0.75
0.80
0.95
1.20
552
519
491
468
441
418
394
342
306
296
271
242
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
30
30
30
30
30
30
30
30
30
30
30
30
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
140
120
100
90.0
80.0
67.0
61.0
56.0
50.0
40.0
32.0
30.0
0.35
0.38
0.40
0.43
0.46
0.49
0.55
0.59
0.62
0.69
0.75
0.82
447
429
418
403
390
378
357
344
336
333
306
292
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
50
50
50
50
50
50
50
50
50
50
50
50
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
25.0
22.0
18.0
15.0
14.0
13.0
12.0
11.0
9.0
8.0
7.6
7.2
0.90
1.0
1.10
1.24
1.36
1.56
1.72
1.89
2.10
2.34
2.60
2.86
279
265
252
238
227
212
202
192
183
173
164
156
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
50
50
50
40
40
40
40
40
40
40
40
40
40
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.252
7.0
6.0
5.0
4.5
4.2
4.0
3.7
3.5
3.3
2.8
2.6
2.2
2.0
3.25
3.64
4.16
5.72
6.30
6.90
7.54
8.20
9.20
10.50
12.0
13.50
16.0
147
139
130
111
105
101
96
92
87
82
76
72
66
DIMENSIONS in inches [millimeters]
RoHS
COMPLIANT
0.037 ± 0.008
[0.940 ± 0.203]
0.126 ± 0.008
[3.20 ± 0.203]
0.050 + 0.004
- 0.008
[1.27 + 0.102]
- 0.203]
0.126 ± 0.008
[3.20 ± 0.203]
0.124 [3.15]
Ref.
0.177 ± 0.008
[4.50 ± 0.203]
0.006
[0.152]
Ref.
Typ.
0.030 ± 0.004
[0.762 ± 0.102]
Typ.
Guidelines for
Parallel Component
Printed Circuit
Mounting Pads on
ISC-1812
Chip Inductors
0.059
[1.5]
0.158
[4.0]
0.158
[4.0]
0.181
[4.6]
0.118
[3.0]
0.024*
[0.6]
0.059
[1.5]


Similar Part No. - ISC-1812

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC-1812 VISHAY-ISC-1812 Datasheet
129Kb / 1P
Surface Mount, Molded, Shielded Inductors
28-Aug-02
ISC-1812 VISHAY-ISC-1812 Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC-1812 VISHAY-ISC-1812 Datasheet
91Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC-1812 VISHAY-ISC-1812 Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC-1812 VISHAY-ISC-1812 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
More results

Similar Description - ISC-1812

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC1812 VISHAY-ISC1812 Datasheet
129Kb / 1P
Surface Mount, Molded, Shielded Inductors
28-Aug-02
ISC1812ER121K VISHAY-ISC1812ER121K Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC1812ER101K VISHAY-ISC1812ER101K Datasheet
91Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC1812RQ1R0K VISHAY-ISC1812RQ1R0K Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC1812ES101K VISHAY-ISC1812ES101K Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
IMC-2220 VISHAY-IMC-2220 Datasheet
48Kb / 1P
Surface Mount, Molded Inductors
06-Mar-03
ISC-1210 VISHAY-ISC-1210_17 Datasheet
80Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
02-Jun-15
ISC-1812 VISHAY-ISC-1812_17 Datasheet
94Kb / 3P
Wirewound, Surface Mount, Molded, Shielded Inductors
02-Jun-15
ISC-1210 VISHAY-ISC-1210_V01 Datasheet
63Kb / 2P
Wirewound, Surface-Mount, Molded, Shielded Inductors
10-Sep-2019
ISC-1812 VISHAY-ISC-1812_V01 Datasheet
84Kb / 3P
Wirewound, Surface-Mount, Molded, Shielded Inductors
10-Sep-2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com