Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-1812 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ISC-1812
Description  Surface Mount, Molded, Shielded Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ISC-1812 Datasheet(HTML) 2 Page - Vishay Siliconix

  ISC-1812 Datasheet HTML 1Page - Vishay Siliconix ISC-1812 Datasheet HTML 2Page - Vishay Siliconix ISC-1812 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: magnetics@vishay.com
Document Number: 34061
112
Revision: 22-May-07
ISC-1812
Vishay Dale
Shielded Mount, Molded, Shielded Inductors
COUPLING SPECIFICATIONS [maximum]
INDUCTANCE (µH)
10
5
1
0.5
10
1
50
50
100
500 1000
PART MARKING
- Vishay Dale
- Inductance value
- Date code
PRODUCT FAMILY
SIZE
INDUCTANCE VALUE
PACKAGE CODE
TOL.
DESCRIPTION
ISC-1812
10 µH
± 10 %
ER
e3
MODEL
INDUCTANCE
INDUCTANCE
PACKAGE
JEDEC LEAD (Pb)-FREE
VALUE
TOLERANCE
CODE
STANDARD
GLOBAL PART NUMBER
IS
C
1
8
12
E
R
1
0
0
K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com