Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2114 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA2114
Description  VIDEO SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2114 Datasheet(HTML) 1 Page - STMicroelectronics

  TEA2114 Datasheet HTML 1Page - STMicroelectronics TEA2114 Datasheet HTML 2Page - STMicroelectronics TEA2114 Datasheet HTML 3Page - STMicroelectronics TEA2114 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TEA2114
VIDEO SWITCH
September 1998
8
7
6
5
1
2
3
4
GROUND
EXTERNAL VIDEO OUTPUT
INTERNAL VIDEO INPUT
NOT TO BE USED
EXTERNAL VIDEO INPUT
SUPPLY VOLTAGE
SWITCHED VIDEO OUTPUT
SWITCHING INPUT
PIN CONNECTIONS
DIP8
(Plastic Package)
ORDER CODE : TEA2114
.
2 VIDEO OUTPUTS WITH 150
Ω LOAD
DRIVE CAPABILITY
.
DYNAMIC OUTPUT AMPLITUDE 4 VPP ON
EACH OUTPUT
.
BANDWIDTH 18MHz TYP
.
CLAMPED VIDEO INPUTS
.
FULL PROTECTION AGAINST ESD
DESCRIPTION
This integrated circuit provides general video
switches. It is particularly intended for switching
between the peri TV plug and video section of the
sets. Its electrical performancesmake it suitablefor
wide bandwidth applications (Teletext, D2MAC).
1/4


Similar Part No. - TEA2114

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2117 STMICROELECTRONICS-TEA2117 Datasheet
465Kb / 8P
Horizontal and vertical deflection monitor
More results

Similar Description - TEA2114

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2014A STMICROELECTRONICS-TEA2014A Datasheet
41Kb / 4P
VIDEO SWITCH
May-1996
TEA2124 STMICROELECTRONICS-TEA2124 Datasheet
54Kb / 4P
VIDEO SWITCH
Sep-1998
logo
New Japan Radio
NJM2277 NJRC-NJM2277 Datasheet
110Kb / 15P
VIDEO SWITCH MATRIX
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
logo
Hitachi Semiconductor
HA11508 HITACHI-HA11508 Datasheet
150Kb / 7P
Audio-Video Switch
logo
Analog Devices
AD8175 AD-AD8175 Datasheet
838Kb / 40P
Video Crosspoint Switch
5/07-Revision 0
logo
National Semiconductor ...
LM1044 NSC-LM1044 Datasheet
177Kb / 10P
Analog Video Switch
logo
Maxim Integrated Produc...
MAX4887 MAXIM-MAX4887 Datasheet
316Kb / 12P
Triple Video Switch
Rev 0; 2/06
logo
Sanyo Semicon Device
LA72730 SANYO-LA72730_10 Datasheet
196Kb / 8P
Audio/Video Switch
logo
Analog Devices
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com