Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MKC1860-404-R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKC1860-404-R
Description  Metallized Polycarbonate Film Capacitor Related Document: IEC 60384-6
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKC1860-404-R Datasheet(HTML) 2 Page - Vishay Siliconix

  MKC1860-404-R Datasheet HTML 1Page - Vishay Siliconix MKC1860-404-R Datasheet HTML 2Page - Vishay Siliconix MKC1860-404-R Datasheet HTML 3Page - Vishay Siliconix MKC1860-404-R Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions contact; dc-film@vishay.com
Document Number: 26028
2
Revision: 05-Jul-05
MKC 1860
Vishay Roederstein
Metallized Polycarbonate Film Capacitor
Related Document: IEC 60384-6
DISSIPATION FACTOR TAN
δ
Further C-values upon request
pcm = L + 3.5
RECOMMENDED PACKAGING
MEASURED AT
C
≤ 0.1µF
0.1µF < C
≤ 1.0µF
C > 1.0µF
1kHz
3 x 10-3
3 x 10-3
3 x 10-3
10kHz
4 x 10-3
4 x 10-3
—
100kHz
10 x 10-3
——
Maximum values
CAPACITANCE
CAPACITANCE
CODE
VOLTAGE
CODE 06
63 VDC/
40 VAC
VOLTAGE
CODE 01
100 VDC/
63 VAC
VOLTAGE
CODE 25
250 VDC/
160 VAC
VOLTAGE
CODE 40
400 VDC/
200 VAC
DL
DLD
L
D
L
0.01µF
- 310
——————
6.0
14.0
0.015µF
- 315
——————
6.0
14.0
0.022µF
- 322
—
—
—
—
—
6.0
14.0
0.033µF
- 333
————
6.0
14.0
6.0
14.0
0.047µF
- 347
————
6.0
14.0
7.0
14.0
0.068µF
- 368
————
6.0
14.0
8.0
14.0
0.10µF
- 410
—
—
6.0
14.0
7.0
14.0
7.5
19.0
0.15µF
- 415
—
—
6.0
14.0
7.5
14.0
8.5
19.0
0.22µF
- 422
6.0
14.0
6.0
14.0
7.0
19.0
8.5
26.5
0.33µF
- 433
6.0
14.0
6.0
19.0
8.0
19.0
10.0
26.5
0.47µF
- 447
7.0
14.0
7.0
19.0
9.5
19.0
11.5
26.5
0.68µF
- 468
6.5
19.0
8.0
19.0
9.0
26.5
12.0
31.5
1.0µF
- 510
7.5
19.0
9.0
19.0
10.5
26.5
14.5
31.5
1.5µF
- 515
8.5
19.0
9.0
26.5
11.5
31.5
—
—
2.2µF
- 522
9.0
19.0
10.5
26.5
13.5
31.5
—
—
3.3µF
- 533
9.5
26.5
12.5
26.5
————
4.7µF
- 547
11.0
26.5
13.0
31.5
————
6.8µF
- 568
12.0
31.5
15.5
31.5
————
10µF
- 610
14.0
31.5
17.5
31.5
————
LETTER
CODE
TYPE OF
PACKAGING
REEL DIAMETER
(mm)
ORDERING CODE
EXAMPLE
G
AMMO
—
MKC 1860-422/404-G
X
R
REEL
350
MKC 1860-422/404-R
X
—
BULK
—
MKC 1860-422/404
X



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com