Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MKC1860-404-R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKC1860-404-R
Description  Metallized Polycarbonate Film Capacitor Related Document: IEC 60384-6
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKC1860-404-R Datasheet(HTML) 3 Page - Vishay Siliconix

  MKC1860-404-R Datasheet HTML 1Page - Vishay Siliconix MKC1860-404-R Datasheet HTML 2Page - Vishay Siliconix MKC1860-404-R Datasheet HTML 3Page - Vishay Siliconix MKC1860-404-R Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 26028
For technical questions contact; dc-film@vishay.com
www.vishay.com
Revision: 05-Jul-05
3
MKC 1860
Metallized Polycarbonate Film Capacitor
Related Document: IEC 60384-6
Vishay Roederstein
10.0
0.22
0.33
0.47
0.68
1.0
1.5
2.2
4.7
100
7
5
3
2
10
7
5
3
2
1
102
23
57
2
103
3
57 104
23
5 7 105
f [Hz]
Permissible AC Voltage versus Frequency
Capacitance in
μF
63 VDC
0.1
0.33
0.47
0.68
1.0
1.5
2.2
3.3
6.8
10.0
100
7
5
3
2
10
7
5
3
2
1
102
23
57
2
103
3
57 104
23
5 7 105
f [Hz]
Permissible AC Voltage versus Frequency
Capacitance in
μF
100 VDC
0.22
0.15
0.047
0.033
0.1
0.33
0.68
1.5
1.0
2.2
1000
7
5
3
2
100
7
5
3
2
10
102
23
57
2
103
3
57 104
23
5 7 105
f [Hz]
Permissible AC Voltage versus Frequency
Capacitance in
μF
250 VDC
0.33
0.68
1.0
0.047
0.068
0.1
0.47
0.01
0.22
1000
7
5
3
2
100
7
5
3
2
10
102
23
5 7
2
103
3
57 104
23
5 7 105
f [Hz]
Permissible AC Voltage versus Frequency
Capacitance in
μF
400 VDC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com