Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1645 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBRF1645
Description  Schottky Barrier Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRF1645 Datasheet(HTML) 1 Page - Vishay Siliconix

  MBRF1645 Datasheet HTML 1Page - Vishay Siliconix MBRF1645 Datasheet HTML 2Page - Vishay Siliconix MBRF1645 Datasheet HTML 3Page - Vishay Siliconix MBRF1645 Datasheet HTML 4Page - Vishay Siliconix MBRF1645 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MBR(F,B)1635 thru MBR(F,B)1660
Vishay General Semiconductor
Document Number: 88671
Revision: 08-Nov-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Schottky Barrier Rectifier
FEATURES
• Guardring for overvoltage protection
• Lower power losses, high efficiency
• Low forward voltage drop
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AC and
ITO-220AC package)
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in low voltage, high frequency rectifier
of switching mode power supplies, freewheeling
diodes, dc-to-dc converters and polarity
protection
application.
MECHANICAL DATA
Case: TO-220AC, ITO-220AC, TO-263AB
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
16 A
VRRM
35 V to 60 V
IFSM
150 A
VF
0.57 V, 0.65 V
TJ max.
150 °C
CASE
PIN 2
PIN 1
TO-220AC
MBR16xx
ITO-220AC
MBRF16xx
MBRB16xx
PIN 1
PIN 2
K
HEATSINK
1
2
1
2
K
PIN 2
PIN 1
TO-263AB
1
2
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR1635
MBR1645
MBR1650
MBR1660
UNIT
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
V
Working peak reverse voltage
VRWM
35
45
50
60
V
Maximum DC blocking voltage
VDC
35
45
50
60
V
Maximum average forward rectified current at TC = 125 °C
IF(AV)
16
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Peak repetitive reverse current at tp = 2.0 µs, 1 kHz
IRRM
1.0
0.5
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/µs
Operating junction temperature range
TJ
- 65 to + 150
°C
Storage temperature range
TSTG
- 65 to + 175
°C
Isolation voltage (ITO-220AC only)
from terminal to heatsink t = 1 min
VAC
1500
V


Similar Part No. - MBRF1645

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF1645 GE-MBRF1645 Datasheet
114Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
MBRF1645 GE-MBRF1645 Datasheet
114Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF1645 TSC-MBRF1645 Datasheet
66Kb / 2P
Isolation 16.0 AMPS. Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
MBRF1645 GOOD-ARK-MBRF1645 Datasheet
246Kb / 3P
Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF1645 TSC-MBRF1645 Datasheet
270Kb / 2P
Isolated 16.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF1645

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com