Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL-13 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PL-13
Description  Low Power Transformers Single Primary, Input 115 Volts Dual Secondary: PL-11 thru -14, Single Secondary: PL-32 thru -34
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PL-13 Datasheet(HTML) 1 Page - Vishay Siliconix

  PL-13 Datasheet HTML 1Page - Vishay Siliconix PL-13 Datasheet HTML 2Page - Vishay Siliconix PL-13 Datasheet HTML 3Page - Vishay Siliconix PL-13 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Power Transformers
Single Primary, Input 115 Volts
Dual Secondary: PL-11 thru -14, Single Secondary: PL-32 thru -34
PL-11, -12, -13, -14, -32, -33, -34
Vishay Dale
www.vishay.com
For technical questions contact magnetics@vishay.com
Document Number: 34071
2
Revision: 10-Aug-06
FEATURES
• PC pin mounting
• Provides isolation from power line
• Mounting frames and bobbin standoff are
available
• Modification to these standard itmes are available
as specially products
• Laminated construction for low-cost industrial applications,
including power supplies, controls and instrumentation
• PL-11, PL-12, PL-13, PL-14: Dual secondaries for series
connection to obtain twice voltage with center tap or
parallel connection for twice current rating
• PL-32, PL-33, PL-34: Single secondary and lower cost
construction. Recognized under the Component Program
of Underwriters Laboratories, Inc., U.L. Files E71961. For
general purpose transformers (U.L. Standard 506).
ELECTRICAL SPECIFICATIONS
Input Voltage: 115 V, 60 Hz
Output Power Rating:
PL-11 = 0.75 VA
PL-12, PL-32 = 1.50 VA
PL-13, PL-33 = 4.50 VA
PL-14, PL-34 = 10.0 VA
Dielectric Strength: All models are 1500 V, 60 Hz from
primary to secondary winding and all windings to core
Temperature Class: Insulation Class A, + 105 °C
MECHANICAL SPECIFICATIONS
Terminals Brass, solder coated
Weight: (reference)
PL-11 = 35 grams
PL-12, PL-32 = 100 grams
PL-13, PL-33 = 160 grams
PL-14, PL-34 = 240 grams
SCHEMATICS
Basic Style
Options
PL-11, PL-12, PL-13, PL-14
5
2
3
1
4
6
115 V
50 - 60 Hz
4
3
-
L
P
,
3
3
-
L
P
,
2
3
-
L
P
4
1
-
L
P
,
3
1
-
L
P
,
2
1
-
L
P
,
1
1
-
L
P
1
Series
Connected
6
3
2
4
5
Volts
Output
Volts
Output
2
1
Parallel
Connected
5
4
3
6
5
3
4
1
Volts Output
115 V 50 - 60 Hz
RoHS
COMPLIANT


Similar Part No. - PL-13

ManufacturerPart #DatasheetDescription
logo
Wakefield Thermal, Inc.
PL-1-1-1016 WAKEFIELDTHERMAL-PL-1-1-1016 Datasheet
670Kb / 4P
ulTIMiFlux Thermal Gap Filling Pad
PL-1-1-254 WAKEFIELDTHERMAL-PL-1-1-254 Datasheet
670Kb / 4P
ulTIMiFlux Thermal Gap Filling Pad
PL-1-3-1016 WAKEFIELDTHERMAL-PL-1-3-1016 Datasheet
670Kb / 4P
ulTIMiFlux Thermal Gap Filling Pad
PL-1-3-1016-H WAKEFIELDTHERMAL-PL-1-3-1016-H Datasheet
670Kb / 4P
ulTIMiFlux Thermal Gap Filling Pad
PL-1-3-254 WAKEFIELDTHERMAL-PL-1-3-254 Datasheet
670Kb / 4P
ulTIMiFlux Thermal Gap Filling Pad
More results

Similar Description - PL-13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PL-22 VISHAY-PL-22 Datasheet
192Kb / 6P
Low Power Transformers Dual Primary - Dual secondary 115/230 Volts
11-Dec-02
PL-22 VISHAY-PL-22_06 Datasheet
146Kb / 4P
Low Power Transformers Dual Primary - Dual secondary 115/230 Volts
10-Aug-06
logo
Volgen Kaga Electronics...
MSD15-2412 VOLGEN-MSD15-2412 Datasheet
63Kb / 3P
Primary-Secondary Isolation Voltage
MSS15-2403 VOLGEN-MSS15-2403 Datasheet
144Kb / 6P
Primary-Secondary Isolation Voltage
logo
Vishay Siliconix
PL1112 VISHAY-PL1112 Datasheet
104Kb / 4P
Low Power Through-Hole Transformers, Single Primary, Input 115 V Dual Secondary: PL-11 thru PL-14, Single Secondary: PL-32 thru PL-34
06-Dec-11
logo
List of Unclassifed Man...
74092 ETC2-74092 Datasheet
28Kb / 1P
Primary / Secondary Insulation ??4000V
logo
TRIAD MAGNETICS
F-12X TRIAD-F-12X_13 Datasheet
41Kb / 1P
Chassis Mount: Single Secondary
F-40X TRIAD-F-40X_13 Datasheet
42Kb / 1P
Chassis Mount: Single Secondary
F-113X TRIAD-F-113X_13 Datasheet
40Kb / 1P
Chassis Mount: Single Secondary
F-122X TRIAD-F-122X_13 Datasheet
42Kb / 1P
Chassis Mount: Single Secondary
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com