Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL-13 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PL-13
Description  Low Power Transformers Single Primary, Input 115 Volts Dual Secondary: PL-11 thru -14, Single Secondary: PL-32 thru -34
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PL-13 Datasheet(HTML) 3 Page - Vishay Siliconix

  PL-13 Datasheet HTML 1Page - Vishay Siliconix PL-13 Datasheet HTML 2Page - Vishay Siliconix PL-13 Datasheet HTML 3Page - Vishay Siliconix PL-13 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PL-11, -12, -13, -14, -32, -33, -34
Vishay Dale
www.vishay.com
For technical questions contact magnetics@vishay.com
Document Number: 34071
4
Revision: 10-Aug-06
DIMENSIONAL CONFIGURATIONS (Reference) [Numbers in brackets indicate millimeters]
Basic Style
“A” Type of Mounting Frame
“B” Type of Mounting Frame
MODEL
A
B
C
D
E
F
G
H
I
J
K
PL-11
1.04
[26.42]
0.860
[21.84]
0.250
[6.35]
0.920
[23.37]
0.720
[18.29]
1.07
[27.18]
1.38
[35.05]
1.69
[42.93]
0.018
[0.457]
0.125
[3.18]
0.125
[3.18]
PL-12
PL-32
1.43
[36.32]
1.20
[30.48]
0.312
[7.92]
1.19
[30.23]
1.0
[25.40]
1.50
[38.10]
1.75
[44.45}
2.12
[53.85]
0.031
[0.787]
0.125
[3.18]
0.188
[4.78}
PL-13
PL-33
1.68
[42.67]
1.38
[35.05]
0.400
[10.16]
1.30
[33.02]
1.10
[27.94]
1.75
[44.45]
2.0
[50.80]
2.44
[61.98]
0.031
[0.787]
0.125
[3.18]
0.188
[4.78]
PL-14
PL-34
1.93
[49.02]
1.64
[41.66]
0.400
[10.16]
1.48
[37.59]
1.30
[33.02]
2.0
[50.80]
2.38
[60.45]
2.88
[73.15]
0.031
[0.787]
0.188
[4.78]
0.188
[4.78]
MARKING
- Dale
- Mode
- Date Code
ORDERING INFORMATION
PL-11
01
A
S
EB
e2
MODEL
OUTPUT VOLTAGE
AND CURRENT
MOUNTING FRAME
(If not required, leave blank)
BOBBIN STANDOFF
(If not required, leave blank)
PACKAGE
CODE
JEDEC LEAD
(Pb)-FREE STANDARD
GLOBAL PART NUMBER
PL-11, PL-12, PL-13, PL-14
PL-32, PL-33, PL-34
0.150
[3.81]
Min.
0.041
[1.04]
Typ.
B
A
PC Terminal
(Plug in
Mounting)
C
C
DE
1
3
4
2
5
6
D
E
3
2
1
4
5
0.250
[6.35]
Typ.
F
I
J
K Dia.
2 Holes
G
F
H
CL
MODEL
P
L
1
1
OUTPUT VOLTAGE
AND CURRENT
0
1
BOBBIN STANDOFF
(If not required, leave blank)
S
MOUNTING FRAME
(If not required, leave blank)
A
PACKAGE
CODE
E
B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com