Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRV4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PRV4
Description  Industrial Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRV4 Datasheet(HTML) 2 Page - Vishay Siliconix

  PRV4 Datasheet HTML 1Page - Vishay Siliconix PRV4 Datasheet HTML 2Page - Vishay Siliconix PRV4 Datasheet HTML 3Page - Vishay Siliconix PRV4 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRV4
Vishay Sfernice
Industrial Potentiometer
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 50004
122
See also: Application notes
Revision: 21-Sep-06
SPECIAL FEATURES
COMMAND SHAFT
Length is measured from the mounting surface to the free
end of the shaft. The screwdriver slot is aligned with the
wiper within ± 10°. Special shafts are available, in
accordance to drawings supplied by customers. We
recommend that customers should not machine shafts, in
order to avoid damage. Bending or torsion of terminals
should also be avoided.
LINEARITY
The typical linearity of linear variation law potentiometers is
± 5 %. Guaranteed linearity on request. Consult VISHAY.
MECHANICAL SPECIFICATIONS
Mechanical Travel
300° ± 5°
Operating Torque (max. Ncm)
3 typical [4.3 oz. inch]
End Stop Torque (max. Ncm)
70 [6 lb. inch]
Max Tightening Torque
of Mounting Nut (Ncm)
200 [17.3 lb. inch]
Unit Weight (max. g)
23 to 32 [0.82 oz to 1.14 oz]
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55 °C to + 125 °C
Climatic Category
55/125/10
Sealing
fully sealed
container IP67
POWER RATING CHART
RESISTANCE LAWS
ELECTRICAL SPECIFICATIONS
Resistive Element
cermet
Electrical Travel
270° ± 10°
Resistance Range
Linear Law
20
Ω to 10 MΩ
Logarithmic Laws
100
Ω to 2.5 MΩ
Standard series
1 - 2 - 2.5 - 5
Tolerance
Standard
± 20 %
On Request
± 10 %
Power Rating
Linear
2 W at + 70 °C
Logarithmic
1 W at + 70 °C
Temperature Coefficient
See Standard Resistance Element Data
Limiting Element Voltage (Linear Law)
500 V
Contact Resistance Variation (Typical)
1 % Rn or 3
Ω
End Resistance
4
Ω
Dielectric Strength (RMS)
1500 V
Insulation Resistance (500 VDC)
104 M
Ω
0
40
140
125
1
0
AMBIENT TEMPERATURE IN DEGREES CELSIUS
70
60
20
100
80
LIN. LAW “A”
LOG. LAWS “L & F”
2
100
80
60
40
20
0
0
100
80
60
40
20
% CLOCKWISE SHAFT ROTATION
F
L
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com