Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRV4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PRV4
Description  Industrial Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRV4 Datasheet(HTML) 3 Page - Vishay Siliconix

  PRV4 Datasheet HTML 1Page - Vishay Siliconix PRV4 Datasheet HTML 2Page - Vishay Siliconix PRV4 Datasheet HTML 3Page - Vishay Siliconix PRV4 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRV4
Industrial Potentiometer
Vishay Sfernice
Document Number: 50004
For technical questions, contact: sfer@vishay.com
See also: Application notes
www.vishay.com
Revision: 21-Sep-06
123
PERFORMANCE
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
ΔRT
RT
(%)
ΔRT
1-2
RT1-2
(%)
Load Life
1000 h at rated power
90’/30’ - ambient temp. 70 °C
± 3 %
± 5 %
Contact resistance variation: < 5 %
Moisture Resistance
MIL STD 202 Method 105
10 cycles of 24 hours constituted
with damp heat - cold - vibrations
± 2 %
Dielectric strength: 100 V RMS
Insulation resistance: > 104 M
Ω
± 3 %
Long Term Damp Heat
Temperature 40 °C - RH 93 %
10 days
± 2 %
± 3 %
Dielectric strength: 100 V RMS
Insulation resistance: > 104 M
Ω
Thermal Shock
55 °C to + 125 °C - 5 cycles
± 1 %
ΔV
1-2
V1-3
≤ ± 2 %
Rotational Life (Electrical and Mechanical)
25 000 cycles
± 5 %
Shock
MIL STD 202 Method 213/1
100 g - 6 ms
3 sucessive shocks in 3 directions
± 1 %
ΔV
1-2
V1-3
≤ ± 1 %
Vibration
MIL STD 202 Method 204/D
20 g - 12 hours
± 1 %
ΔV
1-2
V1-3
≤ ± 1 %
STANDARD RESISTANCE ELEMENT DATA
STAN-
DARD
RESIS-
TANCE
VALUES
LINEAR LAW
LOGS LAW
TCR
55 °C
+ 125 °C
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
ELEMENT/
WIPER
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
ELEMENT/
WIPER
Ω
W
V
mA
W
V
mA
ppm/°C
20
25
50
2
6.32
7.07
10.0
316
283
200
14.47
5.00
7.07
224
200
141
0
+ 400
100
200
250
500
1K
2K
2.5K
5K
10K
20K
25K
50K
100K
200K
250K
500K
1M
2M
2.5M
2
1
1
0.50
0.25
0.13
0.10
14.1
20.0
22.4
31.6
44.7
53.2
70.7
100
141
200
224
315
447
500
500
500
500
500
500
141
100.0
89.4
53.2
44.7
31.6
28.3
20.00
14.14
10.00
6.04
6.32
4.47
2.50
2.00
1.00
0.50
0.25
0.20
1
0.50
0.25
0.13
0.10
10.0
14.1
15.8
22.4
31.5
44.7
50.0
70.7
100
141
158
224
315
447
499
500
500
500
500
100
70.7
53.2
44.7
31.6
22.4
20.0
14.1
10.0
7.07
6.32
4.47
3.16
2.24
2.00
1.00
0.50
0.25
0.20
± 200
MARKING
Printed:
- VISHAY trademark
- SERIE
- ohmic value (EIA Resistance Code)
- tolerance (IEC Code)
- manufacturing date
- marking of terminals 1, 2, 3
ORDERING INFORMATION
PRV4
F
Ø
GJS
200 K
Ω
± 20 %
ABO
e3
MODEL
BUSHING OPTION
SHAFT
OHMIC VALUE
TOLERANCE
LAW
PACKAGING LEAD FINISH
0: none
L: LPRP
± 20 % standard
± 10 % on request
A
F
L
Linear
clockwise reverse logarithmic
clockwise logarithmic
Box 50 pcs
e3: pure Sn
SAP PART NUMBERING GUIDELINES
MODEL
BUSHING
TOL
OHMIC VALUE
See the end of this data book for conversion tables
OPTION
SHAFT
LAW
SPECIAL
(IF APPLICABLE)
P
R
V
4F
0G
J
S
20
4
M
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com