Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7063DP Datasheet(PDF) 7 Page - STMicroelectronics

Part # TEA7063DP
Description  SPEECH CIRCUIT WITH POWER MANAGEMENT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7063DP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TEA7063DP Datasheet HTML 3Page - STMicroelectronics TEA7063DP Datasheet HTML 4Page - STMicroelectronics TEA7063DP Datasheet HTML 5Page - STMicroelectronics TEA7063DP Datasheet HTML 6Page - STMicroelectronics TEA7063DP Datasheet HTML 7Page - STMicroelectronics TEA7063DP Datasheet HTML 8Page - STMicroelectronics TEA7063DP Datasheet HTML 9Page - STMicroelectronics TEA7063DP Datasheet HTML 10Page - STMicroelectronics TEA7063DP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
2.5 Soft Clipping
To avoid distortion on line, the TEA7063 has a
”soft clipping” on transmit channel.
The resistor (Rsoft) on pin 10 fixes the maximum
AC peak dynamic on the line: VSTL
VSTL(Vp) = Vpin16(DC) -1.44
•
Rsoft
( pin 10 )
R9
( pin 8 )
where Rsoft
≤
1V
IST
IST =
470mV
2
⋅ R9 (pin8)
The capacitor (C10) and the resistor (R10) con-
nected on pin 11 fixe the constant time of the soft
clipping.
Recommended values: C10 = 150nF;
R10 = 560K
Ω
Figure 4
Figure 5: Transmit Curves
TEA7063
7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com