Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7063DP Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEA7063DP
Description  SPEECH CIRCUIT WITH POWER MANAGEMENT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7063DP Datasheet(HTML) 4 Page - STMicroelectronics

  TEA7063DP Datasheet HTML 1Page - STMicroelectronics TEA7063DP Datasheet HTML 2Page - STMicroelectronics TEA7063DP Datasheet HTML 3Page - STMicroelectronics TEA7063DP Datasheet HTML 4Page - STMicroelectronics TEA7063DP Datasheet HTML 5Page - STMicroelectronics TEA7063DP Datasheet HTML 6Page - STMicroelectronics TEA7063DP Datasheet HTML 7Page - STMicroelectronics TEA7063DP Datasheet HTML 8Page - STMicroelectronics TEA7063DP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
°C; f = 1KHz; R9 = 100KΩ; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VC
Stabilized Voltage (pin 17)
IL = 25mA; R9 = 100K
Ω
2.25
2.5
2.75
V
Iint
Internal Bias Current (pin 17)
IL = 25mA
IL = 25mA; R9 = 180K
(V16 - R6*Iint +VC)
120
140
105
160
µA
µA
Vref
Reference Voltage
IL = 25mA
1.05
1.2
1.35
V
Iref
Current at Vref
-100
+10
µA
Vmp
Stabilized Supply at pin 19
3.1
3.3
3.5
V
Icmp
Charging Current at Pin 19
Pin 17 = GND
0.6 X
Iline
mA
Ispm
Static Current at Pin 19
IL = 25mA; R9 = 100K
Ω
1.1
1.5
mA
IL = 25mA; R9 = 180K
Ω
0.85
mA
Iimp
Internal Consumption
80
110
150
µA
Iea
Supply Current for Parallel
Circuits (pin 12)
IL = 25mA
IL = 75mA
10
50
12
57
mA
mA
Vmh
Vmb
Mute Microphone (pin 14)
ON
OFF
1.6
0.25
0.8
V
V
Vmh
Vmb
Mute Earphone (pin 14)
ON
OFF
2.7
0.25
2.1
V
V
Imleak
Mute Leakage Current (pin 14)
V14 =5V
20
µA
GS
AGCS
Tx Gain Long Line
IL = 25mA
41.5
-7
42.5
-6
43.5
-5
dB
dB
Gmf
DTMF Gain
Pin 14 > 1.6V
41.5
42.5
43.5
dB
THDS
Tx Distortion
IL = 25mA
Vmic = -3dBm -GS
Vmic = -3dBm -GS + 15dB
3
10
%
%
Ze
Microphone Impedance
20
K
Ω
NTx
Tx Noise (psometric)
IL = 25mA
2K
Ω at Pins 5-7
-74
dBm
psoph
RS
Tx Attenuation in Mute Mode
IL = 25mA
Pin 14 > 1.6V
60
dB
Gr
AGCr
Rx Gain Long Line
Line Lenght
IL = 25mA
29
-7
30
-6
31
-5
dB
dB
THDr
Rx Distortion
IL = 25mA
Vro = 500mV
Vro = 630mV
3
10
%
%
NRx
Rx Noise
IL = 25mA
-74
dBmp
Rr
Rx Attenuation in Mute Mode
IL = 25mA
Pin = 14 > 2.7V
50
dB
Gas
Antisidetone
IL = 25mA
22
dB
Zac
AC Impedance
IL = 25mA
500
650
800
Ω
Grs
Confidence Level = VLINE/VREC
(in DTMF)
Pin 14 > 2.7V
35.5
38.5
41.5
dB
IST
Soft Clipping Current Level
Control (pin 10)
IL = 25mA; R9 = 100K
Ω
IL = 25mA; R9 = 180K
Ω
2.30
2.55
1.4
2.80
mA
µA
VST
Control Voltage Range (Pin 10)
VST =RST x IST
01
V
TEA7063
4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com