Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2244I Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB2244I
Description  Ultra Fast USB 2.0 SD/MMC Flash Media Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2244I Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB2244I Datasheet HTML 9Page - SMSC Corporation USB2244I Datasheet HTML 10Page - SMSC Corporation USB2244I Datasheet HTML 11Page - SMSC Corporation USB2244I Datasheet HTML 12Page - SMSC Corporation USB2244I Datasheet HTML 13Page - SMSC Corporation USB2244I Datasheet HTML 14Page - SMSC Corporation USB2244I Datasheet HTML 15Page - SMSC Corporation USB2244I Datasheet HTML 16Page - SMSC Corporation USB2244I Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Ultra Fast USB 2.0 SD/MMC Flash Media Controller
Datasheet
SMSC USB2244/USB2244i
13
Revision 1.0 (05-27-08)
DATASHEET
Chapter 6 Pin Reset State Table
Figure 6.1 Pin Reset States
Figure 6.2 Legend for Pin Reset States Table
Voltage
Signal (v)
Time
(t)
RESET
RESET
Hardware
Initialization
Firmware
Operational
VDD33
VSS
LEGEND
yes
hardware enables function
--
hardware disables function
z
hardware disables output driver
pu
hardware enables pullup
pd
hardware enables pulldown
hw
hardware controls function, but state is protocol dependent
(fw)
firmware controls function through registers
VDD
hardware supplies power through pin, applicable only to CARD_PWR pins
none
hardware disables pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com