Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2244I Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB2244I
Description  Ultra Fast USB 2.0 SD/MMC Flash Media Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2244I Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB2244I Datasheet HTML 5Page - SMSC Corporation USB2244I Datasheet HTML 6Page - SMSC Corporation USB2244I Datasheet HTML 7Page - SMSC Corporation USB2244I Datasheet HTML 8Page - SMSC Corporation USB2244I Datasheet HTML 9Page - SMSC Corporation USB2244I Datasheet HTML 10Page - SMSC Corporation USB2244I Datasheet HTML 11Page - SMSC Corporation USB2244I Datasheet HTML 12Page - SMSC Corporation USB2244I Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Ultra Fast USB 2.0 SD/MMC Flash Media Controller
Datasheet
SMSC USB2244/USB2244i
9
Revision 1.0 (05-27-08)
DATASHEET
Chapter 4 Pin Configuration
Figure 4.1 USB2244/USB2244i 36 Pin QFN Diagram
Thermal Slug
(must be connected to VSS)
SMSC
USB2244/2244i
(Top View QFN-36)
Indicates pins on the bottom of the device.
18
17
16
15
14
13
12
11
10
28
29
31
32
33
36
35
34
30
TEST
GPIO4
SD _WP
GPIO7 / TXD / SCK
XTAL2
XTAL1 (CLKIN)
VDD18PLL
RBIAS
VDDA33
SD_D5
VDD18
NC
SD_CMD
NC
NC
NC
nRESET
VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com