Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7530 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TEA7530
Description  MONITOR AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7530 Datasheet(HTML) 2 Page - STMicroelectronics

  TEA7530 Datasheet HTML 1Page - STMicroelectronics TEA7530 Datasheet HTML 2Page - STMicroelectronics TEA7530 Datasheet HTML 3Page - STMicroelectronics TEA7530 Datasheet HTML 4Page - STMicroelectronics TEA7530 Datasheet HTML 5Page - STMicroelectronics TEA7530 Datasheet HTML 6Page - STMicroelectronics TEA7530 Datasheet HTML 7Page - STMicroelectronics TEA7530 Datasheet HTML 8Page - STMicroelectronics TEA7530 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FUNCTIONAL DESCRIPTION
TEA7530 performs the following functions:
The circuit amplifies the incoming signal and
feeds it to the loudspeaker.
♦ The Antidistortion system is incorporated for
low current available from line.
♦ The maximum power available on a 50Ω im-
pedance loudspeaker is 25mW at 3V and 100mW
at 5V.
PIN FUNCTION
N
°
Symbol
Description
1
GND
Ground
2
ADS
Antidistortion
3VLS
Supply
4
INP
Input Signal
5
LS1
Output Loudspeaker 1
6VREF
Internal Reference Voltage
7
LS2
Output Loudspeaker 2
8
ADJ
Adjust Internal Reference VLS
ELECTRICAL CHARACTERISTICS (Tamb =25
°C, ILS = 30mA unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VLS1
VLS1 Supply
ILS = 2mA (fig. 5)
ILS = 30mA (fig. 5)
2.7
3
3.15
3.3
3.4
V
V
VLSM
VLS Maximum
Ipin8 =40
µA (fig. 5; So = closed)
5.7
V
VADJ
Voltage Pin 8
ILS = 2 to 30mA (fig. 5
1.0
1.25
1.5
V
G
Loudspeaker Amplifier
Gain
=
V(5) − V(7)
V(4
)
ILS = 30mA (fig. 6)
30
32
34
dB
THD
Distortion
f = 300Hz to 2KHz
V(5) -V(7) = 0.8Vrms; (fig. 6)
2%
ZINPIN
Earphone Input
(fig. 7)
2.1
2.8
3.5
K
Ω
VOFFS
Output Offset [V(5) -V(7)]
(fig. 6)
-80
80
mV
GATT
Loudspeaker Attenuated
Gain = [V(5) -V(7)]/ V(4)
V(2) = 0.7V; (fig. 8)
V(2) = 0.4V; (fig. 8)
20
-30
30
-20
dB
dB
PIN CONNECTION (top view)
TEA7530
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com