Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7530 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA7530
Description  MONITOR AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7530 Datasheet(HTML) 1 Page - STMicroelectronics

  TEA7530 Datasheet HTML 1Page - STMicroelectronics TEA7530 Datasheet HTML 2Page - STMicroelectronics TEA7530 Datasheet HTML 3Page - STMicroelectronics TEA7530 Datasheet HTML 4Page - STMicroelectronics TEA7530 Datasheet HTML 5Page - STMicroelectronics TEA7530 Datasheet HTML 6Page - STMicroelectronics TEA7530 Datasheet HTML 7Page - STMicroelectronics TEA7530 Datasheet HTML 8Page - STMicroelectronics TEA7530 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TEA7530
MONITOR AMPLIFIER
PRELIMINARY DATA
LOW VOLTAGE
POWER: 100mW AT 5V
ANTIDISTORTION SYSTEM FOR LOW CUR-
RENT LINES
DESCRIPTION
This 8 pins IC is designed for monitor telephone
set and provides:
a) Signal amplification for monitoring
b) Antidistortion by automatic gain adaptation.
June 1993
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Minidip
SO
Top
Temperature Range
-20 to +70
-20 to +70
°C
VLS
Supply Voltage
6
6
V
ILS
Supply Current for T > 300ms
for T
≤ 300ms
90
150
75
120
mA
mA
MINIDIP
SO-8
ORDERING NUMBERS:
TEA7530DP
TEA7530FP
BLOCK DIAGRAM
1/11


Similar Part No. - TEA7530

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7531 STMICROELECTRONICS-TEA7531 Datasheet
296Kb / 17P
MONITOR AMPLIFIER
TEA7532 STMICROELECTRONICS-TEA7532 Datasheet
201Kb / 16P
MONITOR AMPLIFIER
Jul-1993
TEA7532DP STMICROELECTRONICS-TEA7532DP Datasheet
201Kb / 16P
MONITOR AMPLIFIER
Jul-1993
TEA7532FP STMICROELECTRONICS-TEA7532FP Datasheet
201Kb / 16P
MONITOR AMPLIFIER
Jul-1993
More results

Similar Description - TEA7530

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9380 STMICROELECTRONICS-STV9380 Datasheet
62Kb / 7P
CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
May-2000
TEA7532 STMICROELECTRONICS-TEA7532 Datasheet
201Kb / 16P
MONITOR AMPLIFIER
Jul-1993
STV9381 STMICROELECTRONICS-STV9381 Datasheet
116Kb / 8P
CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
Sep-2003
logo
Maxim Integrated Produc...
MAX3793 MAXIM-MAX3793 Datasheet
693Kb / 11P
1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
logo
Panasonic Semiconductor
AN93B06SCR PANASONIC-AN93B06SCR Datasheet
201Kb / 3P
BROAD BAND VIDEO AMPLIFIER IC FOR CRT MONITOR
logo
List of Unclassifed Man...
M51392P ETC1-M51392P Datasheet
14Kb / 1P
VIDEO AMPLIFIER FOR DISPLAY/MONITOR
logo
STMicroelectronics
TEA7531 STMICROELECTRONICS-TEA7531 Datasheet
296Kb / 17P
MONITOR AMPLIFIER
logo
Texas Instruments
UC3730N TI-UC3730N Datasheet
261Kb / 6P
Thermal Monitor
logo
Extech Instruments Corp...
PM120 EXTECH-PM120 Datasheet
232Kb / 1P
Power Monitor
Rev. 10/17/17
logo
Samsung semiconductor
770TFT SAMSUNG-770TFT Datasheet
1Mb / 43P
Color Monitor
September 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com