Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPR221Z Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VPR221Z
Description  Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VPR221Z Datasheet(HTML) 2 Page - Vishay Siliconix

  VPR221Z Datasheet HTML 1Page - Vishay Siliconix VPR221Z Datasheet HTML 2Page - Vishay Siliconix VPR221Z Datasheet HTML 3Page - Vishay Siliconix VPR221Z Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VPR221Z (Z-Foil)
Vishay Foil Resistors Ultra High Precision Z-Foil Power Resistor in TO-220
Configuration with TCR of ± 0.05 ppm/°C, PCR of
4 ppm/W and Load Life Stability of ± 0.005 % (50 ppm)
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63116
2
Revision: 16-Jul-07
A surface mount version of this product is available see data sheets for VPR220S, VPR221S
Notes
1. Maximum is 1.0 % A.Q.L. standard for all specifications except
TCR.
2. Whichever is lower.
3. Heat
sink
chassis
dimensions
are
requirements
per
MIL-R-39009/1B:
4. Inductance (L) mainly due to the leads.
5. The resolution limit of existing test requirement (within the
measurement capability of the equipment, “essentially zero”).
6. µV/°C relates to EMF due to lead temperature difference.
FIGURE 2 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 3 - TYPICAL TCR CURVE Z-FOIL
(for more details see table 1)
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
Ambient Temperature (°C)
ΔR
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400
FIGURE 4 - VPR221Z DIMENSIONS in inches (millimeters)
TABLE 2 - SPECIFICATIONS
Power Rating at + 25 °C
8 W or 3 A2) on heat sink3)
1.5 W in free air
Further derating not necessary.
Current Noise
< 0.010 µV (rms)/V of applied voltage (- 40 dB)
High Frequency Operation
Rise Time
Inductance4) (L)
Capacitance (C)
0.2 ns at 1 W
0.1 µH maximum: 0.03 µH typical1)
1.0 pF maximum: 0.5 pF typical1)
Voltage Coefficient5)
< 0.1 ppm/V
Operating Temperature Range
- 55 °C to + 150 °C
Maximum Working Voltage
300 V, Not to exceed power rating
Thermal EMF6)
0.15 µV/°C maximum (lead effect)
Weight
1.2 g maximum
E
2
0.050 ± 0.005
(1.27 ± 0.13)
0.150 ± 0.008
(3.81 ± 0.20)
0.615 Max
(15.62)
0.078 ± 0.005
(1.98 ± 0.13)
0.015 ± 0.002
(0.38 ± 0.05)
0.030 ± 0.002
(0.76 ± 0.05)
0.100 ± 0.005
(2.54 ± 0.13)
0.400 ± 0.010
(10.16 ± 0.25)
VISHAY
VPR221Z
1R0 1 %
0101
0.245 ± 0.010
(6.22 ± 0.25)
0.141 ± 0.005 Dia
(3.58 ± 0.13)
0.540 ± 0.040
(13.72 ± 1.02)
0.115 ± 0.005
(2.92 ± 0.13)
0.050 ± 0.005
(1.27 ± 0.13)
0.200 ± 0.030
(5.08 ± 0.76)
E
1
I
2
I
1
DIMENSIONS
inches
mm
L
6.00
152.4
W
4.00
101.6
H
2.00
50.8
T
0.04
1.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com