Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPR221Z Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VPR221Z
Description  Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VPR221Z Datasheet(HTML) 3 Page - Vishay Siliconix

  VPR221Z Datasheet HTML 1Page - Vishay Siliconix VPR221Z Datasheet HTML 2Page - Vishay Siliconix VPR221Z Datasheet HTML 3Page - Vishay Siliconix VPR221Z Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 63116
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 16-Jul-07
3
VPR221Z (Z-Foil)
Ultra High Precision Z-Foil Power Resistor in TO-220
Configuration with TCR of ± 0.05 ppm/°C, PCR of
4 ppm/W and Load Life Stability of ± 0.005 % (50 ppm)
Vishay Foil Resistors
Note
1. Measurement error ± 0.001
Ω
Note
* For non-standard requests, please contact Application Engineering.
TABLE 3 - PERFORMANCE SPECIFICATIONS1) MIL-PRF 39009
TEST OR CONDITION
MIL-PRF 39009
TYPICAL
ΔR
MAXIMUM
ΔR
Low temperature storage 24 hours at - 55 °C
± 0.3 % + 0.01
Ω
± 0.001 % (10 ppm)
± 0.002 % (20 ppm)
Dielectric withstanding voltage 300 V AC at Atm
± 0.2 % + 0.01
Ω
± 0.001 % (10 ppm)
± 0.002 % (20 ppm)
Dielectric withstanding voltage 200 V AC at Brm
± 0.2 % + 0.01
Ω
± 0.001 % (10 ppm)
± 0.002 % (20 ppm)
Insulation resistance
> 104 M
Ω
> 104 M
Ω
Low temperature operation
± 0.3 % + 0.01
Ω
± 0.002 % (20 ppm)
± 0.008 % (80 ppm)
Short time overload 5 x rated power for 5 seconds (in air)
± 0.3 % + 0.01
Ω
± 0.001 % (10 ppm)
± 0.002 % (20 ppm)
Moisture resistance + 65 °C to - 10 °C, 90 to 98 Rh, 10 days
± 0.5 % + 0.01
Ω
± 0.005 % (50 ppm)
± 0.015 % (150 ppm)
Terminal Strength
± 0.2 % + 0.01
Ω
± 0.001 % (10 ppm)
± 0.002 % (20 ppm)
Load life 8 W at + 25 °C, 2000 hours with heat sink
± 1.0 % + 0.01
Ω
± 0.005 % (50 ppm)
± 0.015 % (150 ppm)
Load life 1.5 W at + 25 °C for 2000 hours in free air
± 1.0 % + 0.01
Ω
± 0.005 % (50 ppm)
± 0.015 % (150 ppm)
High temperature exposure + 150 °C
± 1.0 % + 0.05
Ω
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
TABLE 4 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y1690420R220T9L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
0 = Standard
9 = Lead (Pb)-free
1 - 999 = Custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
1690 = VPR221Z
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
L = Bulk Pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1690 420R220 T 9 L:
TYPE: VPR221Z
VALUE: 420.22
Ω
ABSOLUTE TOLERANCE: ± 0.01 %
TERMINATION: Lead (Pb)-free
PACKAGING: Bulk Pack
HISTORICAL PART NUMBER: VPR221Z T 420R22 TCR0.2 T B (will continue to be used)
VPR221Z
T
420R22
TCR0.2
T
B
MODEL
TERMINATION
OHMIC VALUE
TCR
CHARACTERISTIC
ABSOLUTE
TOLERANCE
PACKAGING
T = Lead (Pb)-free
none = Tin/Lead
420.22
Ω
TCR0.2
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
B = Bulk Pack
6
904
0
R
2
2
Y1
T9
2
L
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com